Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8201PCTF Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8201PCTF
Description  Quad 10 Ohm 12V outside-the-rails Analog Switch with
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8201PCTF Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-8201PCTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8201PCTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8201PCTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8201PCTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8201PCTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8201PCTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8201PCTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8201PCTF Datasheet HTML 9Page - Holt Integrated Circuits HI-8201PCTF Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
P/N
Rev
Date
Description of Change
DS8200 New
10/18/12
Initial Release
B
12/18/12
Clarify that V+/V- pins
be loaded. Used
for connection of bulk storage caps.
must not
only
A
10/22/12
Remove 1MOhm resistor to GND from test circuits. Correct typo in Pin Descriptions
REVISION HISTORY
HOLT INTEGRATED CIRCUITS
8
HI-8200, HI-8201, HI-8202


Similar Part No. - HI-8201PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8201PSHF HOLTIC-HI-8201PSHF Datasheet
76Kb / 9P
   Quad 10 Ohm 12V outside-the-rails
More results

Similar Description - HI-8201PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8200H HOLTIC-HI-8200H Datasheet
76Kb / 9P
   Quad 10 Ohm 12V outside-the-rails
logo
Maxim Integrated Produc...
MAX20327 MAXIM-MAX20327 Datasheet
721Kb / 13P
   12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18
MAX14777 MAXIM-MAX14777 Datasheet
862Kb / 16P
   Quad Beyond-the-Rails -15V to 35V Analog Switch
Rev 1; 10/13
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
logo
Texas Instruments
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com