Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8436 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8436
Description  32-Channel Ground/Open or Supply/Open
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8436 Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-8436 Datasheet HTML 2Page - Holt Integrated Circuits HI-8436 Datasheet HTML 3Page - Holt Integrated Circuits HI-8436 Datasheet HTML 4Page - Holt Integrated Circuits HI-8436 Datasheet HTML 5Page - Holt Integrated Circuits HI-8436 Datasheet HTML 6Page - Holt Integrated Circuits HI-8436 Datasheet HTML 7Page - Holt Integrated Circuits HI-8436 Datasheet HTML 8Page - Holt Integrated Circuits HI-8436 Datasheet HTML 9Page - Holt Integrated Circuits HI-8436 Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
REGISTER DESCRIPTIONS
HOLT INTEGRATED CIRCUITS
6
HI-8436
TABLE 3.
7-2
-
1
SRST
0
TEST
Bit
Name
R/W Default
Description
R/W
0
Not Used.
R/W
0
Software Reset - Setting this bit to “1” holds all other registers and the TEST bit to their reset
values. SRST bit must be written back to “0” to release this reset
R/W
0
Setting this bit to “1” puts the HI-8436 in the self test mode. Input to sensors are internally set
according to the value of the TEST MODE DATA register
76543210
MSB
LSB
CONTROL REGISTER : CTRL
Read: SPI Op-code 0x82
Write: SPI Op-code 0x02
Reset Value 00
[Opcode, DB0]
X X XXX X
TABLE 4.
7-4
-
R/W
0
3-0
BANK3-0
Bit
Name
R/W Default
Description
Not Used.
R/W
0
Program Sensor type for SENSE Inputs.
Bank 0 programs inputs SENSE<7:0>
Bank 1 programs inputs SENSE<15:8>
Bank 2 programs inputs SENSE<23:16>
Bank 3 programs inputs SENSE<31:24>
Setting a bit to “0” programs the 8 inputs in the bank to be GND/Open sensors.
Setting a bit to “1” programs the 8 inputs in the bank to be Supply/Open sensors.
TABLE 5.
76543210
MSB
LSB
PROGRAM SENSE BANKS REGISTER: PSEN<3:0>
Read: SPI Op-code 0x84
Write: SPI Op-code 0x04
Reset Value 00
[Opcode, DB0]
XXXX
DATA BYTE 0
DATA BYTE 0
ODD1 = 1
Odd inputs are set high
ODD0 = 1
Odd inputs are set low
ALL1 = 1
All inputs are set high
ALL0 = 1
All inputs are set low
Bit
Name
R/W Default
Description
7-4
-
R/W
0
Not Used.
3-0
TMDATA3-0 R/W
0
These 4 bits program the internal inputs to the sense comparators when in the test
mode.
Note: Only one mode can be selected. If more than one bit is high the inputs will all be set low.
76543210
MSB
TEST MODE DATA REGISTER : TMDATA
Read: SPI Op-code 0x9E
Write: SPI Op-code 0x1E
Reset Value 00
[Opcode, DB0]
X X
X
DATA BYTE 0
X


Similar Part No. - HI-8436

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
More results

Similar Description - HI-8436

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430 Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8425 HOLTIC-HI-8425 Datasheet
280Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8429 HOLTIC-HI-8429_17 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI-8429_1511 HOLTIC-HI-8429_1511 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
QSG-8429 HOLTIC-QSG-8429 Datasheet
718Kb / 19P
   HI??429 Eight Sensor Array with Ground/Open or Supply/Open and SPI interface.
logo
Schurter Inc.
DENO SCHURTER-DENO Datasheet
320Kb / 1P
   Ground wire choke, open design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com