Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8436 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8436
Description  32-Channel Ground/Open or Supply/Open
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8436 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8436 Datasheet HTML 1Page - Holt Integrated Circuits HI-8436 Datasheet HTML 2Page - Holt Integrated Circuits HI-8436 Datasheet HTML 3Page - Holt Integrated Circuits HI-8436 Datasheet HTML 4Page - Holt Integrated Circuits HI-8436 Datasheet HTML 5Page - Holt Integrated Circuits HI-8436 Datasheet HTML 6Page - Holt Integrated Circuits HI-8436 Datasheet HTML 7Page - Holt Integrated Circuits HI-8436 Datasheet HTML 8Page - Holt Integrated Circuits HI-8436 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
HOLT INTEGRATED CIRCUITS
3
PIN
FUNCTION
DESCRIPTION
VLOGIC
Supply
3.3V Power Supply for both sensors and logic.
VWET<0-3>
Supply
Optional inputs to supply relay wetting current to sense lines in GND/Open
operation. Each of the 4 banks of 8 inputs has a VWETn pin. 50K
to GND.
Ω
SENSE<31:0>
Discrete Input
4 banks of 8 discrete inputs programmable through the SPI to be either
GND/Open or Supply/Open.
The type of input is programmed by bank, PSEN<3:0> bits. “0” makes the
bank GND/Open sensors, “1” makes the bank SUPPLY/Open sensors
The status of the inputs SENSE<31:0> are stored in SO<31:0>
See SPI section for programming and reading sensors.
GND
Supply
0V Ground for Sensor and Logic.
SCK
Digital Input
SPI Clock.
nCS
Digital Input
SPI Chip Select, Active Low, internal 30K
pull-up.
Ω
SI
Digital Input
SPI serial data input, internal 30K
pull-down.
Ω
SO
Digital Output
SPI serial data output.
nMR
Digital Input
Master Reset, Active Low, internal 30K
pull-up.
Ω
HI-8436
PIN DESCRIPTIONS
OP Code
R/W
# Data
Bytes
DESCRIPTION
0x02
W
1
Write Control Register
0x04
W
1
Write Program Sense Banks Register, PSEN<3:0>, to program SENSE Inputs
0x3A
W
2
Write GND/Open Threshold Center Value and Hysteresis
0x3C
W
2
Write Supply/Open Threshold Center Value and Hysteresis
0x1E
W
1
Write Test Mode Data Register
0x82
R
1
Read Control Register
0x84
R
1
Read Program Sense Banks Register, to read programmed bank type
0xBA
R
2
Read GND/Open Threshold Center Value and Hysteresis
0xBC
R
2
Read Supply/Open Threshold Center Value and Hysteresis
0x9E
R
1
Read Test Mode Data Register
0x90
R
1
Read Bank 0, SOUT Register, SO<7:0>, status of SENSE<7:0> Inputs
0x92
R
1
Read Bank 1, SOUT Register, SO<15:8>, status of SENSE<15:8> Inputs
0x94
R
1
Read Bank 2, SOUT Register, SO<23:16>, status of SENSE<23:16> Inputs
0x96
R
1
Read Bank 3, SOUT Register, SO<31:24>, status of SENSE<31:24> Inputs
0xF8
R
4
Read All Banks, SOUT Register, SO<31:0>, status of SENSE<31:0> Inputs
SPI COMMANDS
Table 2.
Table 1.


Similar Part No. - HI-8436

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
More results

Similar Description - HI-8436

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430 Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8425 HOLTIC-HI-8425 Datasheet
280Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8429 HOLTIC-HI-8429_17 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI-8429_1511 HOLTIC-HI-8429_1511 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
QSG-8429 HOLTIC-QSG-8429 Datasheet
718Kb / 19P
   HI??429 Eight Sensor Array with Ground/Open or Supply/Open and SPI interface.
logo
Schurter Inc.
DENO SCHURTER-DENO Datasheet
320Kb / 1P
   Ground wire choke, open design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com