Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-C1G1 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-C1G1
Description  1.0 Single Digit PCB Based LED Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-C1G1 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-C1G1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-C1G1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Green
Figure 5. Relative Luminous Intensity Vs Forward Current
Figure 6. Forward Voltage Vs Current (Segment)
Figure 7. Forward Voltage Vs Current (DP)
Figure 8. Relative Luminous Intensity Vs Wavelength
-0.5
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
DC FORWARD CURRENT - mA
0
5
10
15
20
25
30
0123
456
FORWARD VOLTAGE - V
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
FORWARD VOLTAGE - V
0.0
0.2
0.4
0.6
0.8
1.0
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm


Similar Part No. - HDSP-C1G1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-C1G1 AVAGO-HDSP-C1G1 Datasheet
205Kb / 10P
   1.0??Single Digit PCB Based LED Display
More results

Similar Description - HDSP-C1G1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H1E1 AVAGO-ADSP-H1E1 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
HDSP-H1X1 AVAGO-HDSP-H1X1 Datasheet
307Kb / 7P
   1.0 Single Digit PCB Based LED Display
HDSP-C1X1 AVAGO-HDSP-C1X1 Datasheet
205Kb / 10P
   1.0??Single Digit PCB Based LED Display
ADSP-H3E1 AVAGO-ADSP-H3E1 Datasheet
199Kb / 10P
   0.36??Single Digit PCB Based LED Display
ADSP-H5E1 AVAGO-ADSP-H5E1 Datasheet
199Kb / 10P
   0.52??Single Digit PCB Based LED Display
HEDS-9700 AVAGO-HEDS-9700 Datasheet
278Kb / 10P
   0.36 Single Digit PCB Based LED Display
HDSP-H3X1 AVAGO-HDSP-H3X1 Datasheet
301Kb / 8P
   0.36" Single Digit PCB Based LED Display
HDSP-C3X1 AVAGO-HDSP-C3X1 Datasheet
205Kb / 10P
   0.36??Single Digit PCB Based LED Display
HDSP-C8X1 AVAGO-HDSP-C8X1 Datasheet
197Kb / 10P
   0.8??Single Digit PCB Based LED Display
HDSP-C5L1 AVAGO-HDSP-C5L1 Datasheet
251Kb / 10P
   0.52 Single Digit PCB Based LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com