Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA00DD0WCP-V5E2 Datasheet(PDF) 1 Page - Rohm

Part # BA00DD0WCP-V5E2
Description  2A/1A Variable Output LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00DD0WCP-V5E2 Datasheet(HTML) 1 Page - Rohm

  BA00DD0WCP-V5E2 Datasheet HTML 1Page - Rohm BA00DD0WCP-V5E2 Datasheet HTML 2Page - Rohm BA00DD0WCP-V5E2 Datasheet HTML 3Page - Rohm BA00DD0WCP-V5E2 Datasheet HTML 4Page - Rohm BA00DD0WCP-V5E2 Datasheet HTML 5Page - Rohm BA00DD0WCP-V5E2 Datasheet HTML 6Page - Rohm BA00DD0WCP-V5E2 Datasheet HTML 7Page - Rohm BA00DD0WCP-V5E2 Datasheet HTML 8Page - Rohm BA00DD0WCP-V5E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
1/17
TSZ02201-0R6R0A600080-1-2
25.July.2013 Rev.002
TSZ22111・14・001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2A/1A Variable Output
LDO Regulators
BA00DD0xx series
BA00CC0xx series
●General Description
The BA00DD0xx and BD00CC0xx series are low-saturation regulators available for outputs up to 2A/1A. The output voltage
can be arbitrarily configured using the external resistance. These series of LDO regulators are offered in a broad packaging
lineup.
This IC has a built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits and a
thermal shutdown circuit that protects the IC from thermal damage due to overloading.
●Features
±1% high-precision output voltage (BA00DD0xx)
Low saturation with PNP output
Built-in over-current protection circuit that prevents
the destruction of the IC due to output short circuits
Built-in thermal shutdown circuit for protecting the IC
from thermal damage due to overloading
Built-in over- voltage protection circuit that prevents
the destruction of the IC due to power supply surges
●Key Specifications
Input Power Supply Voltage:
25V(Max.)
Output voltage type:
Variable
Output current:
BA00DD0xx series
2A(Max.)
BA00CC0xx series
1A(Max.)
Shutdown current:
0
μA(Typ.)
Operating temperature range:
-40℃ to +125℃
●Applications
Usable in DSP power supplies for DVDs and CDs,
FPDs, televisions, personal computers or any other
consumer device
●Packages
W (Typ.) x D (Typ.) x H (Max.)
HRP5
9.395mm x 10.54 mm x 2.005mm
TO252-5
6.50 mm x
9.50 mm x 2.50 mm
TO220CP-V5
10.00 mm x 20.12 mm x 4.60 mm
TO220FP-5
10.00 mm x 30.50 mm x 4.60 mm
TO220FP-5(V5)
10.00 mm x 31.50 mm x 8.15 mm
●Ordering Information
B
A
0
0
x
x
0
W
x
x
x
-
x x
Part
Number
Output voltage
00:Variable
Output Current
CC0 : 1A
DD0 : 2A
Shutdown
switch
W : Includes
switch
Package
HFP:HRP5
FP :TO252-5
CP :TO220CP-V5
T
:TO220FP-5
:TO220FP-5(V5)
Packaging and forming specification
TR: Embossed tape and reel
(HRP5)
E2: Embossed tape and reel
(TO252-5,TO220CP-V5)
None : Container Tube
(TO220FP-5,TO220FP-5(V5))
V5 :Forming(V5 only)
●Lineup
Maximum output current (Max.)
Package
Orderable
Part Number
1A
TO220FP-5
Tube of 500
BA00CC0WT
TO220CP-V5
Reel of 500
BA00CC0WCP-V5E2
TO252-5
Reel of 2000
BA00CC0WFP-E2
TO220FP-5(V5)
Tube of 500
BA00CC0WT-V5
2A
TO220CP-V5
Reel of 500
BA00DD0WCP-V5E2
HRP5
Reel of 2000
BA00DD0WHFP-TR
TO220CP-V5
HRP5
TO252-5
TO220FP-5
TO220FP-5(V5)


Similar Part No. - BA00DD0WCP-V5E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00DD0WCP-V5E2 ROHM-BA00DD0WCP-V5E2 Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
More results

Similar Description - BA00DD0WCP-V5E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com