Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA30JC5T Datasheet(PDF) 1 Page - Rohm

Part # BA30JC5T
Description  1.5A Variable/Fixed Output LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA30JC5T Datasheet(HTML) 1 Page - Rohm

  BA30JC5T Datasheet HTML 1Page - Rohm BA30JC5T Datasheet HTML 2Page - Rohm BA30JC5T Datasheet HTML 3Page - Rohm BA30JC5T Datasheet HTML 4Page - Rohm BA30JC5T Datasheet HTML 5Page - Rohm BA30JC5T Datasheet HTML 6Page - Rohm BA30JC5T Datasheet HTML 7Page - Rohm BA30JC5T Datasheet HTML 8Page - Rohm BA30JC5T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
1/13
TSZ02201-0R6R0A600140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
14.Feb.2012 Rev.001
1.5A Variable/Fixed Output
LDO Regulators
BAxxJC5 Series(Fixed)
BA00JC5WT(Variable)
●General Description
The BAxxJC5 are low-saturation regulators with an output current of 1.5A and a voltage accuracy of
±1%. A broad output
voltage range is offered, from 1.5V to 12V, and built-in overcurrent protection and thermal shutdown (TSD) circuits prevent
damage due to short-circuiting and overloading, respectively.
●Features
Output voltage accuracy:
±1%
Broad output voltage range available: 1.5V -12V
(BAxxJC5 series)
Low saturation-voltage type with PNP output
Built-in overcurrent protection circuit
Built-in thermal shutdown circuit
Integrated shutdown switch (BA00JC5WT)
●Key Specifications
Input Power Supply Voltage:
16.0V(Max.)
Output voltage type: BAxxJC5 Series
Fixed
BA00JC5WT
Variable
Output current:
1.5A(Max.)
Shutdown current: (BA00JC5WT)
0
μA(Typ.)
Operating temperature range:
-40℃ to +105℃
●Applications
All electronic devices that use microcontrollers and
logic circuits
●Packages
W (Typ.) x D (Typ.) x H (Max.)
TO220FP-3
10.00mm x 30.50mm x 4.60mm
TO220FP-5
10.00mm x 30.50mm x 4.60mm
●Lineup Matrix
Part Number
Output Voltage (V)
Package
1.5
1.8
2.5
3.0
3.3
5.0
6.0
6.3
8.0
9.0
12.0
Variable
BAxxJC5T
-
TO220FP-3
BAxxJC5WT
-
-
-
-
-
-
-
-
-
-
-
TO220FP-5
●Ordering Information
B
A
x
x
J
C
5
x
x
-
Part
number
Output voltage
00:Variable
Other:Fixed
Current
capacity
JC5:1.5A
Shutdown
switch
W : Include
None:without
Package
T
:TO220FP-3
TO220FP-5
Packaging and forming specification
None:Tube Contener
TO220FP-3
TO220FP-5


Similar Part No. - BA30JC5T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA30JC5T ROHM-BA30JC5T Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA30JC5T ROHM-BA30JC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
More results

Similar Description - BA30JC5T

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com