Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8483CRI Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8483CRI
Description  ARINC 429 Dual Line Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8483CRI Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-8483CRI Datasheet HTML 2Page - Holt Integrated Circuits HI-8483CRI Datasheet HTML 3Page - Holt Integrated Circuits HI-8483CRI Datasheet HTML 4Page - Holt Integrated Circuits HI-8483CRI Datasheet HTML 5Page - Holt Integrated Circuits HI-8483CRI Datasheet HTML 6Page - Holt Integrated Circuits HI-8483CRI Datasheet HTML 7Page - Holt Integrated Circuits HI-8483CRI Datasheet HTML 8Page - Holt Integrated Circuits HI-8483CRI Datasheet HTML 9Page - Holt Integrated Circuits HI-8483CRI Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ELECTRICAL CHARACTERISTICS
±13.5V
V
±16.5V, +4.5V
V
+5.5V, Operating temperature range (unless otherwise noted)
<<
SL
<<
HI-8483
LIMITS
PARAMETER
CONDITIONS
UNIT
SYMBOL
+VS (+15V) Supply Current
I
+/-VS = +/- 16.5V, VL = 5.0V
Test Inputs = 0V
6.0
mA
Null - to - One Transition
V
5.70
6.30
V
V(INA) - V(INB)
Test inputs = 0V, V(INB) = -2.50V
TA = 25 C
Input Resistance:
Differential (Unpowered)
R
3
50
K
To GND (Unpowered)
R
20
30
K
Input Current:
Input Sink
I
200
µA
Input Source
I
-450
µA
Input Capacitance:
Differential
C
10
pF
(Guaranteed but not tested)
To GND
C
10
pF
To V
C
10
pF
MIN
TYP
MAX
Power Supplies
CC
HH
I
G
IH
IL
I
G
DD
H
Test Inputs = 5V
6.0
mA
-VS (-15V) Supply Current
I
+/-VS = +/- 16.5V, VL = 5.0V
Test Inputs = 0V
12.0
mA
Test Inputs = 5V
18.5
mA
+VL (+5V) Supply Current
I
+/-VS = +/- 16.5V, VL = 5.0V
Test Inputs = 0V
9.0
mA
Test Inputs = 5V
17.5
mA
+/-VS = +/- 15.0V, VL = 5.0V
°
One - to - Null Transition
V
+/-VS = +/- 15.0V, VL = 5.0V
4.50
5.50
V
V(INA) - V(INB)
Test inputs = 0V, V(INB) = -2.50V
One - to - Null Transition Hysteresis
V
VHH - VHL
0.8
1.2
V
TA = 25°C
Null - to - Zero Transition
V
+/-VS = +/- 15.0V, VL = 5.0V
-6.30
-5.70
V
V(INA) - V(INB)
Test inputs = 0V, V(INB) = +2.50V
TA = 25°C
Zero - to - Null Transition
V
+/-VS = +/- 15.0V, VL = 5.0V
-5.50
-4.50
V
V(INA) - V(INB)
Test inputs = 0V, V(INB) = +2.50V
Zero - to - Null Transition Hysteresis
V
VLL - VLH
-1.2
-0.8
V
TA = 25°C
Input Common-Mode Voltage Range
V
-13
+13
V
Input Resistor Value:
Unpowered
R
INA to CAPA, INB to CAPB
8.5
10
11.5
K
INA to INB,
0
INA to GND, INB to GND
INA to INB
ARINC 429 Inputs
EE
L
HL
HHYS
LL
LH
LHYS
CM
IN
W
W
W
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Voltage at ARINC Inputs: ...................................................-200V to +200V
Voltage at Any Other Input:.............................................-0.3V to V + 0.3V
Output Short Circuit Protected: .............................................Not Protected
Storage Temperature Range: .........................................-65°C to +150°C
Soldering Temperature: (Ceramic).................................60 sec. at +300°C
(Plastic - leads)........................10 sec. at +280°C
(Plastic - body) ................................+260°C Max.
L
Supply Voltage, +V : .....................................................................+20 VDC
-V : .......................................................................-20 VDC
+V : .......................................................................+7 VDC
Operating Temperature Range: (Industrial) .........................-40°C to +85°C
(Hi-Temp) ........................-55°C to +125°C
(Military) ..........................-55°C to +125°C
Internal Power Dissipation: ..............................................................900mW
S
S
L
+V to -V : ...........................................................+36 VDC
SS
(Voltages referenced to Gnd = 0V)
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8483CRI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482C HOLTIC-HI-8482C Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482C HOLTIC-HI-8482C Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482CM-01 HOLTIC-HI-8482CM-01 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
More results

Similar Description - HI-8483CRI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com