Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8483CLI Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8483CLI
Description  ARINC 429 Dual Line Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8483CLI Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8483CLI Datasheet HTML 1Page - Holt Integrated Circuits HI-8483CLI Datasheet HTML 2Page - Holt Integrated Circuits HI-8483CLI Datasheet HTML 3Page - Holt Integrated Circuits HI-8483CLI Datasheet HTML 4Page - Holt Integrated Circuits HI-8483CLI Datasheet HTML 5Page - Holt Integrated Circuits HI-8483CLI Datasheet HTML 6Page - Holt Integrated Circuits HI-8483CLI Datasheet HTML 7Page - Holt Integrated Circuits HI-8483CLI Datasheet HTML 8Page - Holt Integrated Circuits HI-8483CLI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FIGURE 5
TESTA
TESTB
+5V
0V
+5V
0V
t
PTLH
t
PTHL
t
PTLH
t
r
t
PTHL
t
f
90%
10%
50%
50%
OUTA (test)
OUTB (test)
90%
FIGURE 4
ARINC
DIFFERENTIAL
INPUT
+10V
0V
-10V
OUTA
OUTB
t
PLH
t
PHL
t
PLH
t
r
t
PHL
t
f
10%
50%
50%
TIMING DIAGRAMS
HI-8483
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8483CLI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482C HOLTIC-HI-8482C Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482C HOLTIC-HI-8482C Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482CM-01 HOLTIC-HI-8482CM-01 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
More results

Similar Description - HI-8483CLI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com