Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8570PST Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8570PST
Description  ARINC 429 /- 5V Supply Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8570PST Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8570PST Datasheet HTML 1Page - Holt Integrated Circuits HI-8570PST Datasheet HTML 2Page - Holt Integrated Circuits HI-8570PST Datasheet HTML 3Page - Holt Integrated Circuits HI-8570PST Datasheet HTML 4Page - Holt Integrated Circuits HI-8570PST Datasheet HTML 5Page - Holt Integrated Circuits HI-8570PST Datasheet HTML 6Page - Holt Integrated Circuits HI-8570PST Datasheet HTML 7Page - Holt Integrated Circuits HI-8570PST Datasheet HTML 8Page - Holt Integrated Circuits HI-8570PST Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
(DS8570 Rev. E)
08/13
1
2
3
4
5
6
7
8
PIN
SLP 1.5
TX0IN
TX1IN
GND
V-
TXAOUT
TXBOUT
V+
SYMBOL
LOGIC INPUT
LOGIC INPUT
LOGIC INPUT
POWER
POWER
OUTPUT
OUTPUT
POWER
FUNCTION
CMOS OR TTL, V+ IS OK
CMOS OR TTL
CMOS OR TTL
GROUND
-5 VOLTS
LINE DRIVER TERMINAL A
LINE DRIVER TERMINAL B
+5 VOLTS
DESCRIPTION
0
0
0
1
1
1
TX1IN
TX0IN SLP1.5
TXAOUT
TXBOUT
SLOPE
0
1
1
0
0
1
X
0
1
0
1
X
0V
-5V
-5V
5V
5V
0V
0V
5V
5V
-5V
-5V
0V
N/A
10 s
m
1.5 s
m
10 s
m
1.5 s
m
N/A
HI-8570, HI-8571
August 2013
SLP1.5
TX0IN
TX1IN
GND
V-
TXAOUT
TXBOUT
V+
1
2
3
45
6
7
8
ARINC 429
+/- 5V Supply Line Driver
DESCRIPTION
• Direct ARINC 429 line driver interface
in a small package
• On-chip line driver slope control and
selection by logic input
• Low current 5 volt supplies
• CMOS / TTL logic pins
• Plastic and ceramic package options -
surface mount and DIP
• Thermally enhanced SOIC packages
• Extended Temperature and Burn-in
available
FEATURES
PIN CONFIGURATION
SUPPLY VOLTAGES
FUNCTION TABLE
The HI-8570 and HI-8571 are CMOS integrated circuits
designed to directly drive the ARINC 429 bus in an 8-pin
package. Two logic inputs control a differential voltage
between the output pins producing a +10 volt One, a
-10 volt Zero, and a 0 volt Null.
A logic input is provided to control the slope of the
differential output signal.
Timing is set by an on-chip
resistor and capacitor and tested to be within ARINC
requirements.
The HI-8570 has 37.5 ohms in series with each line driver
output. The HI-8571 provides the option to bypass part of
the output resistance so external resistance may be
added for lightning protection circuits.
The HI-8570 or the HI-8571 along with the HI-8588 line
receiver offer the smallest options available to get on and
off theARINC 429 bus.
PIN DESCRIPTION TABLE
V+ = +5V
V- = -5V
HOLT INTEGRATED CIRCUITS
www.holtic.com


Similar Part No. - HI-8570PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8570 HOLTIC-HI-8570 Datasheet
130Kb / 8P
   /- 5V Supply, ARINC 429 LINE DRIVER
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
More results

Similar Description - HI-8570PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8570 HOLTIC-HI-8570 Datasheet
130Kb / 8P
   /- 5V Supply, ARINC 429 LINE DRIVER
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
logo
Device Engineering Inco...
DEI5070 DEIAZ-DEI5070 Datasheet
324Kb / 11P
   ARINC 429 5V LINE DRIVER FAMILY
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com