Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH155A151JK Datasheet(PDF) 4 Page - Rohm

Part # MCH155A151JK
Description  Multi-layer ceramic chip capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH155A151JK Datasheet(HTML) 4 Page - Rohm

  MCH155A151JK Datasheet HTML 1Page - Rohm MCH155A151JK Datasheet HTML 2Page - Rohm MCH155A151JK Datasheet HTML 3Page - Rohm MCH155A151JK Datasheet HTML 4Page - Rohm MCH155A151JK Datasheet HTML 5Page - Rohm MCH155A151JK Datasheet HTML 6Page - Rohm MCH155A151JK Datasheet HTML 7Page - Rohm MCH155A151JK Datasheet HTML 8Page - Rohm MCH155A151JK Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MCH15
Ceramic capacitors
!
Characteristics
A (CG) (C0G)
−55°C ~ 125°C
Temperature characteristics
Item
Operating temperature
Nominal capacitance (C)
Dissipation factor (tan
δ)
Insulation resistance (IR)
Withstanding voltage
Temperature characteristics
Terminal adherence
Resistance
to vibration
Solderability
Resistance
to soldering
heat
Temperature
cycling
High-
temperature
load test
Humidity load
test
Must be within the specified tolerance range.
100/(400
+20C)% or less: Less than 30 pF
0.1% or less : 30 pF or larger
10,000M
Ω or 500MΩ ⋅ µF,
whichever is smaller
The insulation must not be damaged.
Within 0
± 30ppm/°C
No detachment or signs of detachment.
There must be no mechanical damage.
Must be within initial tolerance.
Must satisfy initial specified value.
At least 3/4 of the surface of the two terminals
must be covered with new solder.
There must be no mechanical damage.
± 2.5% or ± 0.25 pF, whichever is larger.
Must satisfy initial specified value.
10,000M
Ω or 500MΩ ⋅ µF,
whichever is smaller
The insulation must not be damaged.
There must be no mechanical damage.
± 2.5% or ± 0.25 pF, whichever is larger.
Must satisfy initial specified value.
10,000M
Ω or 500MΩ ⋅ µF,
whichever is smaller
There must be no mechanical damage.
± 7.5% or ± 0.75 pF, whichever is larger.
0.5% or less
500M
Ω or 25MΩ ⋅ µF,
whichever is smaller
There must be no mechanical damage.
1,000M
Ω or 50MΩ ⋅ µF,
whichever is smaller
± 3.0% or ± 0.3 pF, whichever is larger.
0.3% or less
Appearance
Rate of capacitance change
Dissipation factor (tan
δ)
Appearance
Rate of capacitance change
Dissipation factor (tan
δ)
Insulation resistance
Withstanding voltage
Appearance
Rate of capacitance change
Dissipation factor (tan
δ)
Insulation resistance
Appearance
Rate of capacitance change
Dissipation factor (tan
δ)
Insulation resistance
Appearance
Rate of capacitance change
Dissipation factor (tan
δ)
Insulation resistance
Test methods/conditions
(based on JIS C 5102)
Based on paragraph 7.8 and paragraph 9
Measured at room temperature and standard humidity,
1000pF or less Measurement frequency
Measurement voltage
Over 1000pF
Measurement voltage
Measurement frequency
Based on paragraph 7.6
Measurement is made after rated voltage is applied for 60
± 5s.
Based on paragraph 7.1
Apply 300% of the rated voltage for 1 to 5s then measure.
The temperature coefficients in table 12, paragraph 7.12 are
calculated at 20
°C and high temperature.
Based on paragraph 8.11. 2.
Apply 5N for 10
± 1s in the
direction indicated by the arrow.
Capacitor
Test board
Pressure (5N)
Chip is mounted to a board in the manner
shown on the right, subjected to vibration
(type A in paragraph 8.2), and measured
24
± 2 hrs. later.
Board
Based on paragraph 8.13
Soldering temperature
Soldering time
Based on paragraph 8.14.
Soldering temperature
Soldering time
Preheating
Based on paragraph 9.3
Number of cycles : 5
Capacitance measured after 24
± 2 hrs.
Test temperature
Based on paragraph 9.9
Relative humidity
Applied voltage
Test time
Capacitance measured after 24
± 2 hrs.
Test temperature
Based on paragraph 9.10
Applied voltage
Test time
Capacitance measured after 24
± 2 hrs.
Class 1 (For thermal compensation)
: 1
± 0.1MHz
: 1
± 0.1Vrms.
: 1
± 0.1kHz
: 1
± 0.1Vrms.
: 235
± 5
°C
: 2
± 0.5s
: 260
± 5
°C
: 5
± 0.5s
: 150
± 10
°C for 1 to 2 min.
: 40
± 2
°C
: 90% to 95%
: rated voltage
: 500 to 524 hrs.
: Max. operating temp.
: rated voltage
× 200%
: 1,000 to 1,048 hrs.
∗The design and specifications are subject to change without prior notice. Before ordering or using, please check the latest technical specification.


Similar Part No. - MCH155A151JK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH155A103C ROHM-MCH155A103C Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MCH155A103D ROHM-MCH155A103D Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MCH155A103J ROHM-MCH155A103J Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MCH155A103K ROHM-MCH155A103K Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MCH155A103Z ROHM-MCH155A103Z Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
More results

Similar Description - MCH155A151JK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com