Electronic Components Datasheet Search |
|
ET02S1D1WQE Datasheet(PDF) 6 Page - C&K Components |
|
ET02S1D1WQE Datasheet(HTML) 6 Page - C&K Components |
6 / 7 page F–30 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com F ET Series Sealed Subminiature Toggle Switches CONTACT MATERIAL SEAL AVAILABLE HARDWARE .338 (8,59) * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. 2 END CONTACTS: Coin silver, with gold plate over nickel plate. 3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. 4 END CONTACTS: Coin silver, silver plated. 5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated. 6 TERMINALS: Copper alloy, with matte tin over nickel plate. NOTE: Any models supplied with Q, B , G, P or R contact material are RoHS compliant. All models with all options (except M3 actuator) when ordered with G, L, R or Q contact material except with F1 conductive bushing. E EPOXY SEAL Cap PART NO. 706201000 WHITE 706202000 BLACK 706203000 RED Material: Vinyl Finish: Matte NOTE: Other colors available, consult Customer Service Center. Actuator Shown In Pos. 1 PC MOUNTING ET21MD1V3BE DPDT V3 VERTICAL MOUNT, V-BRACKET TERMINATIONS OPTION CODE CONTACT MATERIAL TERMINAL PLATING SILVER 5 MATTE-TIN 6 GOLD 1 SILVER 4,5 GOLD OVER SILVER 2,3 GOLD 3 MATTE-TIN 6 GOLD 1 MATTE-TIN 6 LOW LEVEL/DRY CIRCUIT POWER LOW LEVEL/DRY CIRCUIT OR POWER 0.4 VA MAX. @ 20 V AC OR DC MAX. ETX1 MODELS: 3 AMPS @ 120 V AC OR 28 V DC ALL OTHER MODELS: 2 AMPS @ 120 V AC OR 28 V DC ETX1 MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 3 AMPS @ 120 V AC OR 28 V DC ALL OTHER MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 2 AMPS @ 120 V AC OR 28 V DC B P Q S G R RATINGS |
Similar Part No. - ET02S1D1WQE |
|
Similar Description - ET02S1D1WQE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |