Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8592PCMF Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8592PCMF
Description  Single-Rail ARINC 429 Differential Line Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8592PCMF Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-8592PCMF Datasheet HTML 2Page - Holt Integrated Circuits HI-8592PCMF Datasheet HTML 3Page - Holt Integrated Circuits HI-8592PCMF Datasheet HTML 4Page - Holt Integrated Circuits HI-8592PCMF Datasheet HTML 5Page - Holt Integrated Circuits HI-8592PCMF Datasheet HTML 6Page - Holt Integrated Circuits HI-8592PCMF Datasheet HTML 7Page - Holt Integrated Circuits HI-8592PCMF Datasheet HTML 8Page - Holt Integrated Circuits HI-8592PCMF Datasheet HTML 9Page - Holt Integrated Circuits HI-8592PCMF Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HI-8592, HI-8593, HI-8594
HOLT INTEGRATED CIRCUITS
6
Table 4. Converter Characteristics
V+ = +5V, V- = -5V (HI-8593/4 only), T
A = Operating Temperature Range (unless otherwise stated)
Parameters
Symbol
Test Conditions
Min
Typ
Max Units
Start-up transient (V+, V-)
t
START
-
-
10
ms
Operating Switching Frequency
f
sw
425
550
670
kHz
Recommended Capacitors
X7R dielectric, low ESR, 200mΩ max.
C
FLY
C
OUT
C
SUPPLY
C
OUT / CFLY >= 10
C
SUPPLY >= COUT (connect from
V+ to GND)
2.2
22
47
4.7
47
68
-
-
-
μF
μF
μF
Table 5. AC Electrical Characteristics
V+ = +5V, V- = -5V (HI-8593/4 only), T
A = Operating Temperature Range (unless otherwise stated)
Parameters
Symbol
Test Conditions
Min
Typ
Max Units
Line Driver Propogation Delay
Output high to low
Output low to high
t
phlx
t
plhx
defined in Figure 2, no load
-
-
500
500
-
-
ns
ns
Line Driver Transition Times
High Speed
Output high to low
Output low to high
Low Speed
Output high to low
Output low to high
t
fx
t
rx
t
fx
t
rx
SLP = V+
pin 1 = logic 1
pin 1 = logic 1
SLP = V+
pin 1 = logic 0
pin 1 = logic 0
1.0
1.0
5.0
5.0
1.5
1.5
10.0
10.0
2.0
2.0
15.0
15.0
μs
μs
μs
μs
Input Capacitance (Logic)1
C
IN
-
-
10
pF
Output Capacitance (Tri-state)1
C
OUT
TX0IN = TX1IN = V+
-
-
1.5
pF
Notes:
1. Guaranteed but not tested


Similar Part No. - HI-8592PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592PCMF HOLTIC-HI-8592PCMF Datasheet
1Mb / 13P
   Single-Rail ARINC 429 Differential Line Driver
More results

Similar Description - HI-8592PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592 Datasheet
1Mb / 13P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_16 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596 Datasheet
598Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI5090 DEIAZ-DEI5090 Datasheet
285Kb / 10P
   SINGLE-RAIL ARINC 429 LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com