Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3662CP-V5 Datasheet(PDF) 7 Page - Rohm

Part # BA3662CP-V5
Description  300mA Variable Output LDO Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3662CP-V5 Datasheet(HTML) 7 Page - Rohm

Back Button BA3662CP-V5 Datasheet HTML 3Page - Rohm BA3662CP-V5 Datasheet HTML 4Page - Rohm BA3662CP-V5 Datasheet HTML 5Page - Rohm BA3662CP-V5 Datasheet HTML 6Page - Rohm BA3662CP-V5 Datasheet HTML 7Page - Rohm BA3662CP-V5 Datasheet HTML 8Page - Rohm BA3662CP-V5 Datasheet HTML 9Page - Rohm BA3662CP-V5 Datasheet HTML 10Page - Rohm BA3662CP-V5 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/14
BA3662CP-V5
Datasheet
TSZ02201-0R6R0A600110-1-2
26.Jun.2012 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Measurement Circuit of Fig.4
1µ F
5V
Measurement Circuit of Fig.5
1µ F
5V
Measurement Circuit of Fig.7
1µ F
5V
Measurement Circuit of Fig.8
Vcc
CTL
GND
Vo
ADJ
1µ F
5V
Measurement Circuit of Fig.9
1µ F
10V
Measurement Circuit of Fig.10
1µ F
10V
Measurement Circuit of Fig.11
Measurement Circuit of Fig.12
A
A
4.75V
V
100mA
10V
10V
A
A
10V
IFEEDBACK _R
V
A
1µ F
5V
Measurement Circuit of Fig.1
Vcc
CTL
GND
Vo
ADJ
IFEEDBACK _R
2.2kΩ
6.8kΩ
22µ F
+
1µ F
Measurement Circuit of Fig.2
2.2kΩ
6.8kΩ
22µ F
+
V
Vcc
CTL
GND
Vo
ADJ
5V
Measurement Circuit of Fig.3
1µ F
2.2kΩ
6.8kΩ
22µ F
+
V
Vcc
CTL
GND
Vo
ADJ
200mA
Vcc
CTL
GND
Vo
ADJ
2.2kΩ
6.8kΩ
22µ F
+
Vcc
CTL
GND
Vo
ADJ
2.2kΩ
6.8kΩ
22µ F
+
Measurement Circuit of Fig.6
1µ F
5V
10V
1Vrms
2.2kΩ
6.8kΩ
22µ F
+
Vcc
CTL
GND
Vo
ADJ
Vcc
CTL
GND
Vo
ADJ
2.2kΩ
6.8kΩ
22µ F
+
2.2kΩ
6.8kΩ
22µ F
+
Vcc
CTL
GND
Vo
ADJ
2.2kΩ
6.8kΩ
22µ F
+
V
Vcc
CTL
GND
Vo
ADJ
2.2kΩ
6.8kΩ
22µ F
+
1µ F
5V
10V
V
Vcc
CTL
GND
Vo
ADJ
2.2kΩ
6.8kΩ
22µ F
+
200mA
1µ F
5V
10V
V
Vcc
CTL
GND
Vo
ADJ
2.2kΩ
6.8kΩ
22µ F
+
●Measurement Circuit for Typical Performance Curves
Measurement Circuit of Fig.2
Measurement Circuit of Fig.3
Measurement Circuit of Fig.4
Measurement Circuit of Fig.5
Measurement Circuit of Fig.6
Measurement Circuit of Fig.7
Measurement Circuit of Fig.8
Measurement Circuit of Fig.9
Measurement Circuit of Fig.10
Measurement Circuit of Fig.11
Measurement Circuit of Fig.12
Measurement Circuit of Fig.13


Similar Part No. - BA3662CP-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
108Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
More results

Similar Description - BA3662CP-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00FA1WEFJ ROHM-BD00FA1WEFJ Datasheet
796Kb / 19P
   100mA Variable Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com