Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8571PDTF Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8571PDTF
Description  ARINC 429 /- 5V Supply Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8571PDTF Datasheet(HTML) 8 Page - Holt Integrated Circuits

  HI-8571PDTF Datasheet HTML 1Page - Holt Integrated Circuits HI-8571PDTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8571PDTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8571PDTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8571PDTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8571PDTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8571PDTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8571PDTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8571PDTF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HI-8570 / HI-8571 PACKAGE DIMENSIONS
8-PIN PLASTIC DIP
.385
±.015
(9.799
±.381)
.025
±.010
(.635 ± .254)
.335
±.035
(8.509
±.889)
.250 ± .010
(6.350
±.254)
.100
BSC
(2.54)
.135
±.015
(3.429
±.381)
.055
±.010
(1.397
±.254)
.1375
±.0125
(3.493
±.318)
.019
±.002
(.483
±.102)
.0115
±.0035
(.292
±.089)
.300
±.010
(7.620
±.254)
inches (millimeters)
Package Type: 8P
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
8-PIN PLASTIC SMALL OUTLINE (ESOIC) - NB
(Narrow Body, Thermally Enhanced)
inches (millimeters)
Package Type: 8HNE
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
Electrically isolated heat
sink pad on bottom of
package
Connect to any ground or
power plane for optimum
thermal dissipation
DETAIL A
0
° to 8°
PIN 1
SEE DETAIL A
Top View
Bottom View
.154 ± .04
(3.90 ± 1.10)
.119 ± .04
(3.02 ± .97)
.100 ± .10
(.04 ± .04)
.050
(1.27)
BSC
.154
(3.90)
.007 ± .003
(.175 ± .075)
.033 ± .017
(.835 ± .435)
.056 ± .006
(1.413 ± .163)
BSC
.236
(6.00)
BSC
.193
(4.90)
BSC
.016 ± .004
(.410 ± .100)
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-8571PDTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8571PDTF HOLTIC-HI-8571PDTF Datasheet
130Kb / 8P
   /- 5V Supply, ARINC 429 LINE DRIVER
More results

Similar Description - HI-8571PDTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8570 HOLTIC-HI-8570 Datasheet
130Kb / 8P
   /- 5V Supply, ARINC 429 LINE DRIVER
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
logo
Device Engineering Inco...
DEI5070 DEIAZ-DEI5070 Datasheet
324Kb / 11P
   ARINC 429 5V LINE DRIVER FAMILY
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com