Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90GC0MEFJ-E2 Datasheet(PDF) 9 Page - Rohm

Part # BD90GC0MEFJ-E2
Description  Automotive 1.0A Variable Output LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90GC0MEFJ-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BD90GC0MEFJ-E2 Datasheet HTML 5Page - Rohm BD90GC0MEFJ-E2 Datasheet HTML 6Page - Rohm BD90GC0MEFJ-E2 Datasheet HTML 7Page - Rohm BD90GC0MEFJ-E2 Datasheet HTML 8Page - Rohm BD90GC0MEFJ-E2 Datasheet HTML 9Page - Rohm BD90GC0MEFJ-E2 Datasheet HTML 10Page - Rohm BD90GC0MEFJ-E2 Datasheet HTML 11Page - Rohm BD90GC0MEFJ-E2 Datasheet HTML 12Page - Rohm BD90GC0MEFJ-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9/21
BDxxGC0MEFJ-M
Datasheet
TSZ02201-0R6R0AN00240-1-2
2012.8.31 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
VEN
2V/div
Vcc
2V/div
Vo
2V/div
VEN
2V/div
Vcc
2V/div
Vo
2V/div
40msec/div
40msec/div
Fig.19
OFF sequence 2
Co=1µF,Ta=25℃
Fig.20
OFF sequence 2
Co=1µF,Ta=105℃
4.8
4.9
5.0
5.1
5.2
-40
-15
10
35
60
85
Ta[°C]
105
Fig.21
Ta-VO (IO=0mA)
Ta [℃]
400
500
600
700
800
-40
-15
10
35
60
85
Ta[°C]
105
Fig.22
Ta-ICC
Ta [℃]
4.8
4.9
5.0
5.1
5.2
-40
-15
10
35
60
85
Ta[°C]
105
400
500
600
700
800
-40
-15
10
35
60
85
Ta[°C]
105
5.2
5.1
5.0
4.9
4.8
800
700
600
500
400
-40
-15
10
35
60
85
105
-40
-15
10
35
60
85
105
Ta [°C]
Ta [°C]


Similar Part No. - BD90GC0MEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD90GC0MEFJ-LB ROHM-BD90GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD90GC0MEFJ-LBH2 ROHM-BD90GC0MEFJ-LBH2 Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD90GC0MEFJ-ME2 ROHM-BD90GC0MEFJ-ME2 Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD90GC0MEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXIC0MEFJ-M ROHM-BDXXIC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HC0MEFJ-M ROHM-BD00HC0MEFJ-M Datasheet
603Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXHC0MEFJ-M ROHM-BDXXHC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00HC0MEFJ-LB ROHM-BD00HC0MEFJ-LB Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00IC0MEFJ-LB ROHM-BD00IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com