Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD70GC0WEFJ-E2 Datasheet(PDF) 10 Page - Rohm

Part # BD70GC0WEFJ-E2
Description  1A Variable Fixed Output LDO Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD70GC0WEFJ-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD70GC0WEFJ-E2 Datasheet HTML 6Page - Rohm BD70GC0WEFJ-E2 Datasheet HTML 7Page - Rohm BD70GC0WEFJ-E2 Datasheet HTML 8Page - Rohm BD70GC0WEFJ-E2 Datasheet HTML 9Page - Rohm BD70GC0WEFJ-E2 Datasheet HTML 10Page - Rohm BD70GC0WEFJ-E2 Datasheet HTML 11Page - Rohm BD70GC0WEFJ-E2 Datasheet HTML 12Page - Rohm BD70GC0WEFJ-E2 Datasheet HTML 13Page - Rohm BD70GC0WEFJ-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10/19
BDxxGC0WEFJ
Datasheet
TSZ02201-0R6R0A600200-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
25.July.2012 Rev.001
Fig.22
Minimum dropout Voltage 2
(VCC=4.5V、Ta=25℃)
Fig.19
ESR condencer
Fig.20
IO-ICC
Fig.21
PSRR (IO=0mA)
IO[A]
IO[A]
IO[A]


Similar Part No. - BD70GC0WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD70GC0MEFJ-E2 ROHM-BD70GC0MEFJ-E2 Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD70GC0MEFJ-LB ROHM-BD70GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD70GC0MEFJ-LBH2 ROHM-BD70GC0MEFJ-LBH2 Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD70GC0MEFJ-ME2 ROHM-BD70GC0MEFJ-ME2 Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD70GC0MEFJ-ME2 ROHM-BD70GC0MEFJ-ME2 Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD70GC0WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com