Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25DD0 Datasheet(PDF) 2 Page - Rohm

Part # 25DD0
Description  2A/1A Fixed Output LDO Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

25DD0 Datasheet(HTML) 2 Page - Rohm

  25DD0 Datasheet HTML 1Page - Rohm 25DD0 Datasheet HTML 2Page - Rohm 25DD0 Datasheet HTML 3Page - Rohm 25DD0 Datasheet HTML 4Page - Rohm 25DD0 Datasheet HTML 5Page - Rohm 25DD0 Datasheet HTML 6Page - Rohm 25DD0 Datasheet HTML 7Page - Rohm 25DD0 Datasheet HTML 8Page - Rohm 25DD0 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Datasheet
2/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
25.July.2013 Rev.002
www.rohm.com
●Ordering Information
B
A
x
x
x
x
0
x
x
x
x
-
x x
Part
Number
Output voltage
Output
Current
CC0 : 1A
DD0 : 2A
Shutdown Switch
W : Includes switch
None: without switch
Package
Packaging and forming specification
TR: Embossed tape and reel
(HRP5)
E2: Embossed tape and reel
(TO252-3,TO252-5)
None : Container Tube
(TO220FP-3,TO220FP-5)
HFP
FP
T
: HRP5
: TO252-5
: TO252-3
: TO220FP-5
: TO220FP-3
●Lineup
■1A output BAxxCC0xx Series
Maximum output
current (Max.)
Shutdown
Switch
Package
Output
voltage(Typ.)
Orderable
Part Number
1A
With Switch
TO252-5
Reel of 2000
3.3V
BA033CC0WFP-E2
5.0V
BA05CC0WFP-E2
6.0V
BA06CC0WFP-E2
7.0V
BA07CC0WFP-E2
8.0V
BA08CC0WFP-E2
9.0V
BA09CC0WFP-E2
12.0V
BAJ2CC0WFP-E2
TO220FP-5
Tube of 500
3.0V
BA03CC0WT
3.3V
BA033CC0WT
5.0V
BA05CC0WT
7.0V
BA07CC0WT
8.0V
BA08CC0WT
9.0V
BA09CC0WT
10.0V
BAJ0CC0WT
12.0V
BAJ2CC0WT
No switch
TO252-3
Reel of 2000
3.0V
BA03CC0FP-E2
3.3V
BA033CC0FP-E2
5.0V
BA05CC0FP-E2
6.0V
BA06CC0FP-E2
7.0V
BA07CC0FP-E2
8.0V
BA08CC0FP-E2
9.0V
BA09CC0FP-E2
10.0V
BAJ0CC0FP-E2
12.0V
BAJ2CC0FP-E2
15.0V
BAJ5CC0FP-E2
TO220FP-3
Tube of 500
3.0V
BA03CC0T
3.3V
BA033CC0T
5.0V
BA05CC0T
6.0V
BA06CC0T
7.0V
BA07CC0T
8.0V
BA08CC0T
9.0V
BA09CC0T
10.0V
BAJ0CC0T
12.0V
BAJ2CC0T
15.0V
BAJ5CC0T


Similar Part No. - 25DD0

ManufacturerPart #DatasheetDescription
logo
StarHope
25D SPSEMI-25D Datasheet
386Kb / 2P
   Varistor Type MYG
logo
DB Lectro Inc
25D DBLECTRO-25D Datasheet
670Kb / 2P
   PRODUCT DESCRIPTIONS
logo
Shanghai Shunye Electro...
25D SHUNYE-25D Datasheet
189Kb / 2P
   SOZA CELL
logo
SUNMATE electronic Co.,...
25D SUNMATE-25D Datasheet
693Kb / 4P
   METAL OXIDE VARISTORS
logo
Yuan Dean Scientific., ...
25D YUANDEAN-25D Datasheet
265Kb / 2P
   DC-DC Converter
More results

Similar Description - 25DD0

ManufacturerPart #DatasheetDescription
logo
Rohm
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com