Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM240AF Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM240AF
Description  20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM240AF Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM240AF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM240AF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM220AF~SM2200AF
20 V ~ 200 V
2.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
07-Feb-2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
Low forward voltage drop
PACKAGING INFORMATION
Metallurgically bonded construction
Polarity: Color band denotes cathode end
Case: Molded plastic
Epoxy: UL94-V0 rate flame retardant
Weight: 0.032 grams (approximately)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMAF
3K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25
°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
SM
220AF
SM
240AF
SM
260AF
SM
2100AF
SM
2150AF
SM
2200AF
Maximum Recurrent Peak Reverse
Voltage
VRRM
20
40
60
100
150
200
V
Working Peak Reverse Voltage
VRMS
14
28
42
70
105
140
V
Maximum DC Blocking Voltage
VR
20
40
60
100
150
200
V
Maximum Instantaneous Forward
Voltage @ 2A
VF
0.45
0.5
0.7
0.85
0.87
0.9
V
Maximum Average Forward Rectified
Current, See Fig.1
IO
2
A
Peak Forward Surge Current, 8.3ms
single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
50
A
Maximum Reverse
Current
2
TC=25°C
IR
0.5
0.2
mA
TC=100°C
15
5
Typical Thermal Resistance
RθJA
120
°C / W
Typical Thermal Resistance
RθJC
90
Diode Junction Capacitance (Typ.)
1
CJ
70
50
40
pF
Operating Temperature Range
TJ
-50 ~ 125
-50~150
°C
Storage Temperature Range
TSTG
-50~150
°C
Note:
1.
f=1MHz and applied 4V DC reverse voltage
2.
Pulse Test:Pulse Width = 300 µs, Duty Cycle
2.0%.
SMAF
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
3.95
4.60
D
0.75
1.50
B
2.25
2.95
E
1.25
1.65
C
4.80
5.60
F
0.90
1.10


Similar Part No. - SM240AF

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
SM240AF AITSEMI-SM240AF Datasheet
312Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.0
More results

Similar Description - SM240AF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM520AF SECOS-SM520AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
SM320AS SECOS-SM320AS Datasheet
222Kb / 3P
   Voltage 20V ~ 200V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM2150HT SECOS-SM2150HT Datasheet
142Kb / 2P
   Voltage 150~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
SCD22 SECOS-SCD22 Datasheet
267Kb / 2P
   VOLTAGE 20V ~ 60V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
E-CMOS Corporation
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
   16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
   20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com