Electronic Components Datasheet Search |
|
A3P600-VQG144I Datasheet(PDF) 4 Page - Microsemi Corporation |
|
A3P600-VQG144I Datasheet(HTML) 4 Page - Microsemi Corporation |
4 / 220 page ProASIC3 Flash Family FPGAs IV Revision 13 Temperature Grade Offerings Speed Grade and Temperature Grade Matrix References made to ProASIC3 devices also apply to ARM-enabled ProASIC3 devices. The ARM-enabled part numbers start with M1 (Cortex-M1). Contact your local Microsemi representative for device availability: http://www.microsemi.com/soc/contact/default.aspx. A3P015 and A3P030 The A3P015 and A3P030 are architecturally compatible; there are no RAM or PLL features. Devices Not Recommended For New Designs A3P015 is not recommended for new designs. Package A3P015* A3P030 A3P060 A3P125 A3P250 A3P400 A3P600 A3P1000 Cortex-M1 Devices M1A3P250 M1A3P400 M1A3P600 M1A3P1000 QN48 – C, I – – – – – – QN68 C, I C, I – – – – – – QN132 – C, I C, I C, I C, I – – – CS121 – – C, I – ––– – VQ100 – C, IC, IC, I C, I – – – TQ144 – – C, I C, I ––– – PQ208 – – – C, I C, I C, I C, I C, I FG144 – – C, I C, I C, I C, I C, I C, I FG256 – – – – C, I C, I C, I C, I FG484 – – – – – C, I C, I C, I Note: *A3P015 is not recommended for new designs. C = Commercial temperature range: 0°C to 70°C ambient temperature I = Industrial temperature range: –40°C to 85°C ambient temperature Temperature Grade Std. –1 –2 C 1 I 2 Notes: 1. C = Commercial temperature range: 0°C to 70°C ambient temperature 2. I = Industrial temperature range: –40°C to 85°C ambient temperature |
Similar Part No. - A3P600-VQG144I |
|
Similar Description - A3P600-VQG144I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |