Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1263 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1263
Description  12V, 60mA Flash Memory Programming Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1263 Datasheet(HTML) 5 Page - Linear Technology

  LTC1263 Datasheet HTML 1Page - Linear Technology LTC1263 Datasheet HTML 2Page - Linear Technology LTC1263 Datasheet HTML 3Page - Linear Technology LTC1263 Datasheet HTML 4Page - Linear Technology LTC1263 Datasheet HTML 5Page - Linear Technology LTC1263 Datasheet HTML 6Page - Linear Technology LTC1263 Datasheet HTML 7Page - Linear Technology LTC1263 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1263
The LTC1263 uses a charge pump tripler to generate 12V
from a VCC of 5V. The charge pump is clocked by an
internal oscillator. The oscillator frequency is not critical
and may vary from the typical value of 300kHz. When the
oscillator output is low, C1 and C2 are each connected
between VCC and GND, charging them to VCC (see Figure
3). When the oscillator output goes high, C1 and C2 are
stacked in series with the bottom plate of C1 pulled to VCC
(see Figure 4). The top plate of C2 is switched to charge
COUT, which enables VOUT to rise.
VOUT is regulated to within 5% of 12V by an oscillator pulse
gating scheme that turns the charge pump on and off
based on the comparator results of VOUT and a reference
voltage. First, a resistor divider senses VOUT; if the output
of the divider (VDIV) is less than the output of a bandgap
(VBGAP) by the hysteresis voltage (VHYST) of the compara-
tor, then oscillator pulses are applied to the charge pump
to raise VOUT. When VDIV is above VBGAP by VHYST, the
OPERATION
oscillator pulses are prevented from clocking the charge
pump. As a result, VOUT drops until VDIV is below VBGAP by
VHYST again.
To ensure proper start-up when VOUT is lower than VCC
and maintain proper operation when VOUT is higher than
VCC, the gates of all internal switches are driven between
GND and the higher of either VOUT or VCC.
To reduce supply current, the LTC1263 may be put into
shutdown mode by “floating” the SHDN pin or connecting
it to VCC. In this mode, the bandgap, comparator, oscilla-
tor and resistor divider are switched off to reduce the
supply current to typically 0.5
µA. At the same time an
internal switch shorts VOUT to VCC; VOUT takes 10ms (typ)
to reach 5.1V (see t OFF in Figure 1). When the SHDN pin
is low, the LTC1263 exits shutdown and the charge pump
operates to raise VOUT to 12V. VOUT takes 600µs (typ) to
reach the lower regulation limit of 11.4V (see t ON in Figure 1).
+
C1
+
C2
VCC
LTC1263 • F03
Figure 3. C1 and C2 Charge to VCC
Figure 4. C1 and C2 Stacked in Series with C1Tied to VCC
+
C1
+
C2
VCC
LTC1263 • F04
VOUT
COUT
APPLICATIONS INFORMATION
Choice of Capacitors
The LTC1263 is tested with the capacitors shown in Figure
2. C1 and C2 are 0.47
µF ceramic capacitors and CIN and
COUT are 10µF tantalum capacitors. Refer to Table 1 if
other choices are desired.
Table 1. Recommended Capacitor Types and Values
CAPACITOR
CERAMIC
TANTALUM
ALUMINUM
C1, C2
0.47
µF to 1µF
Not Recommended Not Recommended
COUT
10
µF (Min)
10
µF (Min)
10
µF (Min)
CIN
10
µF (Min)
10
µF (Min)
10
µF (Min)
C1 and C2 should be ceramic capacitors with values in the
range of 0.47
µF to 1µF. Higher values provide better load
regulation. Tantalum capacitors are not recommended as
the higher ESR of these capacitors degrades performance
at high load currents and VCC = 4.75V.
CIN and COUT can be ceramic, tantalum or electrolytic
capacitors. The ESR of COUT introduces steps in the VOUT
waveform whenever the charge pump charges COUT. This
tends to increase VOUT ripple. Ceramic or tantalum capaci-
tors are recommended for COUT if minimum ripple is


Similar Part No. - LTC1263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
More results

Similar Description - LTC1263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263_15 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
   12V, 30mA Flash Memory Programming Supply
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
   12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
logo
Linear Technology
LTC1262 LINER-LTC1262_15 Datasheet
209Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662A MAXIM-MAX662A Datasheet
75Kb / 6P
   12V, 30mA Flash Memory Programming Supply
Rev 1; 8/94
MAX662EVKIT MAXIM-MAX662EVKIT Datasheet
350Kb / 8P
   12V, 30mA Flash Memory Programming Supply
Rev 0; 12/92
MAX734CSA-T MAXIM-MAX734CSA-T Datasheet
7Mb / 20P
   12,120mA Flash Memory Programming Supply
Rev 2; 1/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com