Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2912CDDB-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2912CDDB-1
Description  Single UV/OV Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912CDDB-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC2912CDDB-1 Datasheet HTML 1Page - Linear Technology LTC2912CDDB-1 Datasheet HTML 2Page - Linear Technology LTC2912CDDB-1 Datasheet HTML 3Page - Linear Technology LTC2912CDDB-1 Datasheet HTML 4Page - Linear Technology LTC2912CDDB-1 Datasheet HTML 5Page - Linear Technology LTC2912CDDB-1 Datasheet HTML 6Page - Linear Technology LTC2912CDDB-1 Datasheet HTML 7Page - Linear Technology LTC2912CDDB-1 Datasheet HTML 8Page - Linear Technology LTC2912CDDB-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC2912
1
2912fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Single UV/OV
Voltage Monitor
The LTC
®2912 voltage monitor is designed to detect power
supply undervoltage and overvoltage events. The VL and
VH monitor inputs include filtering to reject brief glitches,
thereby ensuring reliable reset operation without false or
noisy triggering. An adjustable timer defines the duration of
the overvoltage and undervoltage reset outputs which func-
tion independently. While the LTC2912 operates directly
from 2.3V to 6V supplies, an internal VCC shunt regulator
coupled with low supply current demand allows operation
from higher voltages such as 12V, 24V or 48V.
Three output configurations are available: the LTC2912-
1 has a latch control for the OV output; the LTC2912-2
has an OV and UV output disable feature for margining
applications; the LTC2912-3 is identical to the LTC2912-1
but with a noninverting, OV output.
The LTC2912 provides a precise, versatile, space-conscious
micropower solution for voltage monitoring.
Monitors Single Voltage
Adjustable UV and OV Trip Values
Guaranteed Threshold Accuracy: ±1.5%
Power Supply Glitch Immunity
Adjustable Reset Timeout with Timeout Disable
29μA Quiescent Current
Open-Drain OV and UV Outputs
Guaranteed OV and UV for VCC ≥ 1V
Available in 8-Lead ThinSOT
TM and (3mm × 2mm)
DFN Packages
Desktop and Notebook Computers
Network Servers
Core, I/O Voltage Monitors
Single OV/UV Supply Monitor, 3.3V ±10% Tolerance
Reset Time-Out Period vs Capacitance
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
1k
27.4k
VH
VL
GND
TMR
SYSTEM
POWER
SUPPLY
OV
UV
2912 TA01a
LATCH
22nF
TIMEOUT = 200ms
4.53k
VCC
LTC2912-1
0.1μF
3.3V
TMR PIN CAPACITANCE, CTMR (nF)
10
100
1000
10000
0.1
10
100
1000
2912 G08
1
1


Similar Part No. - LTC2912CDDB-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912CDDB-1 LINER-LTC2912CDDB-1 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
More results

Similar Description - LTC2912CDDB-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
   Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com