Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3459EDCBPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3459EDCBPBF
Description  10V Micropower Synchronous Boost Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3459EDCBPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3459EDCBPBF Datasheet HTML 1Page - Linear Technology LTC3459EDCBPBF Datasheet HTML 2Page - Linear Technology LTC3459EDCBPBF Datasheet HTML 3Page - Linear Technology LTC3459EDCBPBF Datasheet HTML 4Page - Linear Technology LTC3459EDCBPBF Datasheet HTML 5Page - Linear Technology LTC3459EDCBPBF Datasheet HTML 6Page - Linear Technology LTC3459EDCBPBF Datasheet HTML 7Page - Linear Technology LTC3459EDCBPBF Datasheet HTML 8Page - Linear Technology LTC3459EDCBPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3459
3
3459fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3459E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
l
1.5
5.5
V
VIN Quiescent Current
SHDN = VCC
10
20
μA
VIN Shutdown Current
SHDN = GND
0.1
1
μA
VOUT
Programmable Voltage Range
l
2.5
10
V
VOUT Quiescent Supply Current
SHDN = VCC
24
μA
VOUT Shutdown Current
SHDN = GND
0.1
1
μA
Reference
Feedback Voltage
VIN = 3.3V, VOUT = 7.5V
l
1.19
1.22
1.25
V
FB Input Leakage Current
Measured on FB
10
50
nA
Converter Performance
Peak Switch Current (VIN = 3.3V)
L = 22μH
l
60
75
90
mA
tOFF Timer (VIN = 3.3V, VOUT = 5V)
Varies by 1/(VOUT – VIN)
225
400
550
ns
Zero Current Comparator Threshold
L = 22μH
0
mA
Main NMOS Switch
On-Resistance
VOUT = 5V
2.8
Ω
Leakage Current
VSWITCH = 10V, VOUT = 10V
0.01
1
μA
Main PMOS Switch
On-Resistance
VOUT = 5V
4.2
Ω
Leakage Current
VIN = 5V, VSWITCH = 5V, VOUT = 0V
0.02
2
μA
Logic Inputs
SHDN Threshold (Rising Edge)
0.3
1
V
SHDN Hysteresis
80
mV
SHDN Input Leakage Current
SHDN = 3.3V
0
50
nA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VOUT = 5V, unless otherwise noted.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.


Similar Part No. - LTC3459EDCBPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3459EDCB-PBF LINER-LTC3459EDCB-PBF Datasheet
220Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459EDCB-PBF LINER-LTC3459EDCB-PBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459EDCB-TRPBF LINER-LTC3459EDCB-TRPBF Datasheet
220Kb / 12P
   10V Micropower Synchronous Boost Converter
More results

Similar Description - LTC3459EDCBPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3459 LINER-LTC3459_07 Datasheet
220Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459 LINER-LTC3459_15 Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459 LINER-LTC3459 Datasheet
216Kb / 12P
   10V Micropower Synchronous Boost Converter in ThinSOT
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com