Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS78L05 Datasheet(PDF) 6 Page - Orister Corporation

Part # RS78L05
Description  These regulators employ internal current-limiting and thermal-shutdown, making them essentially indestructible.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS78L05 Datasheet(HTML) 6 Page - Orister Corporation

  RS78L05 Datasheet HTML 1Page - Orister Corporation RS78L05 Datasheet HTML 2Page - Orister Corporation RS78L05 Datasheet HTML 3Page - Orister Corporation RS78L05 Datasheet HTML 4Page - Orister Corporation RS78L05 Datasheet HTML 5Page - Orister Corporation RS78L05 Datasheet HTML 6Page - Orister Corporation RS78L05 Datasheet HTML 7Page - Orister Corporation RS78L05 Datasheet HTML 8Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page No. : 6/8
DS-RS78L05_12-05 February, 2007
www.Orister.com
TO-92 Dimension
SOT-89 Dimension
Ordering Information
Part Number
VOUT:
Package
Part Number
VOUT:
Package
RS78L05AA
5V
0.25V
TO-92
RS78L05AM
5V
0.25V
SOT-89
RS78L12AA
12V
0.60V
TO-92
RS78L12AM
12V
0.60V
SOT-89
3
1
A
D
B
C
I
1
E
2
3
G
H
2
F
DIM
Min.
Max.
A
4.33
4.83
B
4.33
4.83
C
12.70
-
D
0.36
0.56
E
-
*1.27
F
3.36
3.76
G
0.36
0.56
H
-
*2.54
I
-
*1.27
1
-
*5
2
-
*2
3
-
*2
*: Typical, Unit: mm
3-Lead TO-92 Plastic Package
Package Code: A
3
2
1
A
B
C
D
E
F
G
H
I
J
DIM
Min.
Max.
A
4.40
4.60
B
4.05
4.25
C
1.50
1.70
D
2.40
2.60
E
0.36
0.51
F
*1.50
-
G
*3.00
-
H
1.40
1.60
I
0.35
0.41
*: Typical, Unit: mm
3-Lead SOT-89 Plastic
Surface Mounted Package
Package Code: M


Similar Part No. - RS78L05

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AE ORISTER-RS7805AE Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS7805AI ORISTER-RS7805AI Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS7806AE ORISTER-RS7806AE Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
More results

Similar Description - RS78L05

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
   Current Limiting and Thermal Protection
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
   Current Limiting and Thermal Protection
logo
STMicroelectronics
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
   Internal current limiting
logo
IK Semicon Co., Ltd
IL1117C-XX IKSEMICON-IL1117C-XX Datasheet
535Kb / 10P
   Current Limiting and Thermal Protection
logo
Sangdest Microelectroni...
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
   Current Limiting and Thermal Protection
logo
STMicroelectronics
L6985F STMICROELECTRONICS-L6985F Datasheet
1Mb / 65P
   Internal current limiting
February 2016 Rev 2
STEVAL-ILL046V1 STMICROELECTRONICS-STEVAL-ILL046V1 Datasheet
216Kb / 4P
   Internal current limiting
May 2016 Rev 2
STEVAL-ILL054V1 STMICROELECTRONICS-STEVAL-ILL054V1 Datasheet
230Kb / 4P
   Internal current limiting
STEVAL-ILL051V2 STMICROELECTRONICS-STEVAL-ILL051V2 Datasheet
231Kb / 4P
   Internal current limiting
May 2016 Rev 2
LK115 STMICROELECTRONICS-LK115 Datasheet
224Kb / 14P
   Internal current and thermal limit
January 2014 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com