Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2136 Datasheet(PDF) 9 Page - Orister Corporation

Part # RS2136
Description  High Precision CC/CV Primary?륲ide PWM Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2136 Datasheet(HTML) 9 Page - Orister Corporation

Back Button RS2136 Datasheet HTML 2Page - Orister Corporation RS2136 Datasheet HTML 3Page - Orister Corporation RS2136 Datasheet HTML 4Page - Orister Corporation RS2136 Datasheet HTML 5Page - Orister Corporation RS2136 Datasheet HTML 6Page - Orister Corporation RS2136 Datasheet HTML 7Page - Orister Corporation RS2136 Datasheet HTML 8Page - Orister Corporation RS2136 Datasheet HTML 9Page - Orister Corporation RS2136 Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Page No. : 9/10
DS‐RS2136‐03    September,  2009 
www.Orister.com
Soldering Methods for Orister’s Products 
1. Storage environment: Temperature=10
oC~35oC Humidity=65%±15% 
2. Reflow soldering of surface‐mount devices 
 
Profile Feature 
Sn‐Pb Eutectic Assembly 
Pb‐Free Assembly 
Average ramp‐up rate (TL to TP
<3
oC/sec 
<3
oC/sec 
Preheat 
‐ Temperature Min (Tsmin
‐ Temperature Max (Tsmax
‐ Time (min to max) (ts) 
 
100
o
150
o
60~120 sec 
 
150
o
200
o
60~180 sec 
Tsmax to T 
‐ Ramp‐up Rate 
 
<3
oC/sec 
 
<3
oC/sec 
Time maintained above: 
‐ Temperature (TL
‐ Time (tL
 
183
o
60~150 sec 
 
217
o
60~150 sec 
Peak Temperature (TP
240
oC +0/‐5o
260
oC +0/‐5o
Time within 5
oC of actual Peak 
Temperature (tP
10~30 sec 
20~40 sec 
Ramp‐down Rate 
<6
oC/sec 
<6
oC/sec 
Time 25
oC to Peak Temperature 
<6 minutes 
<8 minutes 
3. Flow (wave) soldering (solder dipping) 
Products 
Peak temperature 
Dipping time 
Pb devices. 
245
oC ±5o
5sec ±1sec 
Pb‐Free devices. 
260
oC +0/‐5o
5sec ±1sec 
 
 
 
 
 
Figure 1: Temperature profile 
tP
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time


Similar Part No. - RS2136

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2132 ORISTER-RS2132 Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
RS2132NFG ORISTER-RS2132NFG Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
RS2132NFP ORISTER-RS2132NFP Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
RS2135 ORISTER-RS2135 Datasheet
550Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
RS2135SG ORISTER-RS2135SG Datasheet
550Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
More results

Similar Description - RS2136

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2138 ORISTER-RS2138 Datasheet
519Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
RS2135SP ORISTER-RS2135SP Datasheet
550Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
RS2132 ORISTER-RS2132 Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
logo
Unisonic Technologies
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651 UTC-USR3651 Datasheet
242Kb / 8P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB02 UTC-USRB02 Datasheet
224Kb / 7P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com