Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1117A-33SJP Datasheet(PDF) 4 Page - Orister Corporation

Part # RS1117A-33SJP
Description  1.0A Low Dropout Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS1117A-33SJP Datasheet(HTML) 4 Page - Orister Corporation

  RS1117A-33SJP Datasheet HTML 1Page - Orister Corporation RS1117A-33SJP Datasheet HTML 2Page - Orister Corporation RS1117A-33SJP Datasheet HTML 3Page - Orister Corporation RS1117A-33SJP Datasheet HTML 4Page - Orister Corporation RS1117A-33SJP Datasheet HTML 5Page - Orister Corporation RS1117A-33SJP Datasheet HTML 6Page - Orister Corporation RS1117A-33SJP Datasheet HTML 7Page - Orister Corporation RS1117A-33SJP Datasheet HTML 8Page - Orister Corporation RS1117A-33SJP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Page No. : 4/13
DS‐RS1117A‐16    September, 2009 
www.Orister.com
RS1117A‐33 (3.3V) 
Parameter 
Symbol 
Test Conditions 
Min. 
Typ. 
Max. 
Units
Output Voltage 
VOUT 
VIN=5V, IO=0A 
TJ=0
 oC to 125 o
3.234 
3.300 
3.370
Line Regulation 
REGLINE 
VIN=4.75V to 7V, IO=0A 
TJ=0
 oC to 125 oC ‐ 
‐ 
0.2 
Load Regulation 
REGLOAD 
VIN=5V, IO=0A to 1A 
TJ=0
 oC to 125 oC ‐ 
0.1 
1.0 
Dropout Voltage 
VDROPOUT 
ΔVO=±1%, IO=0A to 1A 
TJ=0
 oC to 125 oC ‐ 
1.2 
1.4 
Current Limit 
IS 
VIN=4.75V to 7V 
TJ=0
 oC to 125 o
1.0 
1.5 ‐ 
Quiescent Current 
IQ 
VIN=5V, IO=0A to 1A 
TJ=0
 oC to 125 oC ‐ 
6.0 
13 
mA 
Temp. Coefficient 
TC 
VIN=4.75V to 7V, IO=0A to 1A ‐ 
0.005 ‐ 
%/
 oC
Temp. Stability 
TS 
VIN=5V, IO=100mA 
TJ=0
 oC to 125 oC ‐ 
0.5 ‐ 
RMS Output Noise 
VN 
10Hz ≤ f ≤ 10KHz 
TJ=25
 oC ‐ 
0.003 ‐ 
%ΔVO
Ripple Rejection Ratio 
RA 
VIN=5V, IO=1A 
TJ=0
 oC to 125 o
60 
72 ‐ 
dB 
RS1117A‐25 (2.5V) 
Parameter 
Symbol 
Test Conditions 
Min. 
Typ. 
Max. 
Units
Output Voltage 
VOUT 
VIN=5V, IO=0A 
TJ=0
 oC to 125 o
2.450 
2.500 
2.550
Line Regulation 
REGLINE 
VIN=4.75V to 7V, IO=0A 
TJ=0
 oC to 125 oC ‐ 
‐ 
0.2 
Load Regulation 
REGLOAD 
VIN=5V, IO=0A to 1A 
TJ=0
 oC to 125 oC ‐ 
0.1 
1.0 
Dropout Voltage 
VDROPOUT 
ΔVO=±1%, IO=0A to 1A 
TJ=0
 oC to 125 oC ‐ 
1.2 
1.4 
Current Limit 
IS 
VIN=4.75V to 7V 
TJ=0
 oC to 125 o
1.0 
1.5 ‐ 
Quiescent Current 
IQ 
VIN=5V, IO=0A to 1A 
TJ=0
 oC to 125 oC ‐ 
6.0 
13 
mA 
Temp. Coefficient 
TC 
VIN=4.75V to 7V, IO=0A to 1A ‐ 
0.005 ‐ 
%/
 oC
Temp. Stability 
TS 
VIN=5V, IO=100mA 
TJ=0
 oC to 125 oC ‐ 
0.5 ‐ 
RMS Output Noise 
VN 
10Hz ≤ f ≤ 10KHz 
TJ=25
 oC ‐ 
0.003 ‐ 
%ΔVO
Ripple Rejection Ratio 
RA 
VIN=5V, IO=1A 
TJ=0
 oC to 125 o
60 
72 ‐ 
dB 
RS1117A‐AD (ADJ) 
Parameter 
Symbol 
Test Conditions 
Min. 
Typ. 
Max. 
Units
Reference Voltage 
VREF 
VIN=5V, IO=10mA 
TJ=0
 oC to 125 o
1.225 
1.250 
1.275
Line Regulation 
REGLINE 
VIN=4.75V to 7V, IO=10mA 
TJ=0
 oC to 125 oC ‐ 
‐ 
0.2 
Load Regulation 
REGLOAD 
VIN=5V, IO=10mA to 1A 
TJ=0
 oC to 125 oC ‐ 
0.1 
1.0 
Dropout Voltage 
VDROPOUT 
ΔVO=±1%, IO=10mA to 1A 
TJ=0
 oC to 125 oC ‐ 
1.2 
1.4 
Current Limit 
IS 
VIN=2.7V to 7V 
TJ=0
 oC to 125 o
1.0 
1.5 ‐ 
Temp. Coefficient 
TC 
VIN=2.75V to 7V, IO=10mA to 1A ‐ 
0.005 ‐ 
%/
 oC
Adjust Pin Current 
IADJ 
VIN=2.75V to 7V, IO=10mA to 1A
TJ=0
 oC to 125 oC ‐ 
55 
120 
Adjust Pin Current Change ΔIADJ 
VIN=2.75V to 7V, IO=10mA to 1A
TJ=0
 oC to 125 oC ‐ 
0.2 
5.0 
uA 
Temp. Stability 
TS 
VIN=5V, IO=100mA 
TJ=0
 oC to 125 oC ‐ 
0.5 ‐ 
Minimum Load Current 
IO 
VIN=5V ‐ 
5.0 
10 
mA 
RMS Output Noise 
VN 
10Hz ≤ f ≤ 10KHz 
TJ=25
 oC ‐ 
0.003 ‐ 
%ΔVO
Ripple Rejection Ratio 
RA 
VIN=5V, IO=1A 
TJ=0
 oC to 125 o
60 
72 ‐ 
dB 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS1117A-33SJP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS1117A-J18G PTC-RS1117A-J18G Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J18P PTC-RS1117A-J18P Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J25G PTC-RS1117A-J25G Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J25P PTC-RS1117A-J25P Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J33G PTC-RS1117A-J33G Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
More results

Similar Description - RS1117A-33SJP

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com