Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2258PG Datasheet(PDF) 4 Page - Orister Corporation

Part # RS2258PG
Description  Second?륲ide Regulation Current Mode PWM Power Switcher
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2258PG Datasheet(HTML) 4 Page - Orister Corporation

  RS2258PG Datasheet HTML 1Page - Orister Corporation RS2258PG Datasheet HTML 2Page - Orister Corporation RS2258PG Datasheet HTML 3Page - Orister Corporation RS2258PG Datasheet HTML 4Page - Orister Corporation RS2258PG Datasheet HTML 5Page - Orister Corporation RS2258PG Datasheet HTML 6Page - Orister Corporation RS2258PG Datasheet HTML 7Page - Orister Corporation RS2258PG Datasheet HTML 8Page - Orister Corporation RS2258PG Datasheet HTML 9Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page No. : 4/9
DS‐RS2258‐09    May,  2010 
www.Orister.com
Electrical Characteristics (TA=25°C, VDD=16V, unless otherwise specified) 
Symbol 
Parameter 
Test Conditions 
Min 
Typ. 
Max
Unit
Supply Voltage (VDD
Istartup 
VDD Start up Current 
VDD=14.5V, Measure 
Leakage current into VDD 
‐ 
3.0 
20 
uA 
IVDD 
Operation Current 
VFB=3V ‐ 
2.0 ‐ 
mA 
UVLO(ON) 
VDD Under Voltage Lockout Enter ‐ 
8.5
 
9.0
 
9.5
 
UVLO(OFF) 
VDD Under Voltage Lockout Exit(Recovery) ‐ 
14.2 
15.8 
16.0
OVP(ON) 
Over voltage protection voltage 
CS=0V, FB=3V Ramp up VDD 
until gate clock is off 
27.0 
28.5 
30.0
VDD_CLAMP 
VDD Zener clamp Voltage 
IDD=10mA ‐ 
30 ‐ 
Feedback Input Section(FB pin) 
VFB_OPEN 
VFB Open Loop Voltage ‐ 
5.4 
5.6 
6.0 
IFB_SHORT 
FB pin short circuit current 
Short FB pin to GND and 
measure current 
‐ 
1.55 ‐ 
mA 
VTH_0D 
Zero Duty Cycle FB Threshold Voltage ‐ 
‐ 
0.8 ‐ 
VTH_PL 
Power Limiting FB Threshold Voltage ‐ 
‐ 
3.7 ‐ 
TD_PL 
Power Limiting Debounce Time ‐ 
‐ 
50 ‐ 
ms 
ZFB_IN 
Input Impedance ‐ 
‐ 
4 ‐ 
KΩ 
Current Sense Input(Sense Pin) 
TSOFTSTART 
Soft start time ‐ 
‐ 
4 ‐ 
ms 
TBLANKING 
Leading edge blanking time ‐ 
‐ 
300 ‐ 
ns 
ZSENSE_IN 
Input Impedance ‐ 
‐ 
40 ‐ 
KΩ 
TD_OC 
Over Current Detection and Control Delay 
From Over Current Occurs 
till the Gate drive output 
start to turn off 
‐ 
120 ‐ 
ns 
VTH_OC 
Internal Current Limiting Threshold Voltage 
FB=3.3V 
0.76 
0.8 
0.82
Oscillator 
FOSC 
Normal Oscillation Frequency ‐ 
45 
50 
55 
KHz
ΔFTEMP 
Frequency Temperature Stability ‐ 
‐ 
5 ‐ 
ΔF_VDD 
Frequency Voltage Stability ‐ 
‐ 
5 ‐ 
DMAX 
Maximum duty cycle 
FB=3.3V, CS=0V 
70 
80 
90 
FBURST 
Burst Mode Base Frequency ‐ 
‐ 
22 ‐ 
KHz
Power MOSFET Section 
B_VDSS 
MOSFET Drain Source Breakdown Voltage 
6 0 
 
‐ 
RDS(ON) 
Static Drain to Source On Resistance 
VGS=10V, IDS=1A ‐ 
3.0 
3.6 Ω 
Frequency 
ΔF_VDD 
Frequency Modulation range /Base 
frequency 
‐ 
‐4 ‐ 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS2258PG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2253 ORISTER-RS2253 Datasheet
467Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
RS2253SG ORISTER-RS2253SG Datasheet
467Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
RS2253SP ORISTER-RS2253SP Datasheet
467Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
RS2254 ORISTER-RS2254 Datasheet
435Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
logo
Princeton Technology Co...
RS2254 PTC-RS2254 Datasheet
182Kb / 5P
   Second-Side Regulation Current Mode PWM Power Switcher
More results

Similar Description - RS2258PG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2253 ORISTER-RS2253 Datasheet
467Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
RS2254 ORISTER-RS2254 Datasheet
435Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
RS2259 ORISTER-RS2259 Datasheet
427Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
logo
Princeton Technology Co...
RS2254 PTC-RS2254 Datasheet
182Kb / 5P
   Second-Side Regulation Current Mode PWM Power Switcher
RS2259 PTC-RS2259 Datasheet
203Kb / 4P
   Second-Side Regulation Current Mode PWM Power Switcher
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Grenergy Opto, lnc.
GR8935L GRENERGY-GR8935L Datasheet
430Kb / 10P
   Current Mode PWM Power Switch
GR8937L GRENERGY-GR8937L Datasheet
321Kb / 9P
   Current Mode PWM Power Switch
GR8935M GRENERGY-GR8935M Datasheet
417Kb / 10P
   Current Mode PWM Power Switch
logo
SHANGHAI BELLING CO., L...
BL8851 BELLING-BL8851 Datasheet
565Kb / 7P
   Current Mode PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com