Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2258PG Datasheet(PDF) 5 Page - Orister Corporation

Part # RS2258PG
Description  Second?륲ide Regulation Current Mode PWM Power Switcher
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2258PG Datasheet(HTML) 5 Page - Orister Corporation

  RS2258PG Datasheet HTML 1Page - Orister Corporation RS2258PG Datasheet HTML 2Page - Orister Corporation RS2258PG Datasheet HTML 3Page - Orister Corporation RS2258PG Datasheet HTML 4Page - Orister Corporation RS2258PG Datasheet HTML 5Page - Orister Corporation RS2258PG Datasheet HTML 6Page - Orister Corporation RS2258PG Datasheet HTML 7Page - Orister Corporation RS2258PG Datasheet HTML 8Page - Orister Corporation RS2258PG Datasheet HTML 9Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Page No. : 5/9
DS‐RS2258‐09    May,  2010 
www.Orister.com
Detail Description 
The RS2258 is a low power off‐line SMPS Switcher optimized for off‐line flyback converter applications in sub 10W 
power range. The burst mode control greatly reduces the standby power consumption and helps the design easily 
to meet the international power conservation requirements. 
 
Startup Current and Start up Control 
Startup current of RS2258 is designed to be very low so that VDD could be charged up above UVLO threshold level 
and device starts up quickly. A large value startup resistor can therefore be used to minimize the power loss yet 
achieve  a  reliable  startup  in  application.  For  AC/DC  adaptor  with  universal  input  range  design,  a  2MΩ,  1/8W 
startup  resistor  could  be  used  together  with  a  VDD  capacitor  to  provide  a  fast  startup  and  yet  low  power 
dissipation design solution. 
 
Operation current 
The  Operation  current  of  RS2258  is  low  at  2mA.  Good  efficient  is  achieved  with  RS2258  low  operating  current 
together with the ‘Extended burst mode’ control features. 
 
Soft Start 
RS2258  features  an  internal  4  ms  soft  start  to  soften  the  electrical  stress  occurring  in  the  power  supply  during 
startup.  It  is  activated  during  the  power  on  sequence.  As  soon  as  VDD  reaches  UVLO(OFF),  the  peak  current  is 
gradually increased from nearly zero to the maximum level of 0.77V. Every restart up is followed by a soft start. 
 
Frequency Jiggling Mode for EMI improvement 
The  frequency  Jiggling  Mode  (switching  frequency  modulation)  is  implemented  in  RS2258.  The  oscillation 
frequency  is  modulated  so  that  the  tone  energy  is  spread  out.  The  spread  spectrum  minimizes  the  conduction 
band EMI and therefore eases the system design. 
 
Extended Burst Mode Operation 
At  light  load  or  zero  load  condition,  most  of  the  power  dissipation  in  a  switching  mode  power  supply  is  from 
switching loss on the MOSFET, the core loss of the transformer and the loss on the snubber circuit. The magnitude 
of power loss is in proportion to the switching frequency. Lower switching frequency leads to the reduction on 
the power loss and thus conserves the energy. 
 
The switching frequency is internally adjusted at no load or light load condition. The switch frequency reduces at 
light/no load condition to improve the conversion efficiency. At light load or no load condition, the FB input drops 
below  burst  mode  threshold  level  and  device  enters  Burst  Mode  control.  The  Gate  drive  output  switches  only 
when VDD voltage drops below a preset level and FB input is active to output an on state to minimize the switching 
loss and reduce the standby power consumption to the greatest extend. 
 
The switching frequency control also eliminates the audio noise at any loading conditions. 
 
Oscillator Operation 
The switching frequency  of RS2258 is  internally fixed at 50  KHz. No external frequency setting  components are 
required for PCB design simplification. 
 
Current Sensing and Leading Edge Blanking 
Cycle‐by‐Cycle current limiting is offered in RS2258 current mode PWM control. The switch current is detected by 
sense resistor into the sense pin. An internal leading edge blank circuit chops off the sensed voltage spike at initial 
internal power MOSFET on state due to snubber diode reverse recovery and surge gate current of internal power 
MOSFET so that the external RC filtering on sense input is no longer needed. The current limiting comparator is 
disabled  and  cannot  turn  off  the  internal  power  MOSFET  during  the  blanking  period.  The  PWM  duty  cycle  is 
determined by the current sense input voltage and the FB input voltage. 
 


Similar Part No. - RS2258PG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2253 ORISTER-RS2253 Datasheet
467Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
RS2253SG ORISTER-RS2253SG Datasheet
467Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
RS2253SP ORISTER-RS2253SP Datasheet
467Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
RS2254 ORISTER-RS2254 Datasheet
435Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
logo
Princeton Technology Co...
RS2254 PTC-RS2254 Datasheet
182Kb / 5P
   Second-Side Regulation Current Mode PWM Power Switcher
More results

Similar Description - RS2258PG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2253 ORISTER-RS2253 Datasheet
467Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
RS2254 ORISTER-RS2254 Datasheet
435Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
RS2259 ORISTER-RS2259 Datasheet
427Kb / 9P
   Second?륲ide Regulation Current Mode PWM Power Switcher
logo
Princeton Technology Co...
RS2254 PTC-RS2254 Datasheet
182Kb / 5P
   Second-Side Regulation Current Mode PWM Power Switcher
RS2259 PTC-RS2259 Datasheet
203Kb / 4P
   Second-Side Regulation Current Mode PWM Power Switcher
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Grenergy Opto, lnc.
GR8935L GRENERGY-GR8935L Datasheet
430Kb / 10P
   Current Mode PWM Power Switch
GR8937L GRENERGY-GR8937L Datasheet
321Kb / 9P
   Current Mode PWM Power Switch
GR8935M GRENERGY-GR8935M Datasheet
417Kb / 10P
   Current Mode PWM Power Switch
logo
SHANGHAI BELLING CO., L...
BL8851 BELLING-BL8851 Datasheet
565Kb / 7P
   Current Mode PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com