Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1117A-12JP Datasheet(PDF) 7 Page - Orister Corporation

Part # RS1117A-12JP
Description  1.0A Low Dropout Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS1117A-12JP Datasheet(HTML) 7 Page - Orister Corporation

Back Button RS1117A-12JP Datasheet HTML 3Page - Orister Corporation RS1117A-12JP Datasheet HTML 4Page - Orister Corporation RS1117A-12JP Datasheet HTML 5Page - Orister Corporation RS1117A-12JP Datasheet HTML 6Page - Orister Corporation RS1117A-12JP Datasheet HTML 7Page - Orister Corporation RS1117A-12JP Datasheet HTML 8Page - Orister Corporation RS1117A-12JP Datasheet HTML 9Page - Orister Corporation RS1117A-12JP Datasheet HTML 10Page - Orister Corporation RS1117A-12JP Datasheet HTML 11Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Page No. : 7/13
DS‐RS1117A‐16    September, 2009 
www.Orister.com
Junction‐to‐case thermal resistance is specified from the IC junction to the bottom of the case directly below the die. The 
bonding wires are appending paths. The former is the lowest resistance path. Proper mounting is required to ensure the 
best possible thermal flow this area of the package to the heat sink. Thermal compound at the case‐to‐heat‐sink interface 
is strongly recommended. The case of all devices in this series is electrically connected to the output. Therefore, if the case 
of  the  device  must  be  electrically  isolated,  a  thermally  conductive  spacer  can  be  used,  as  long  its  thermal  resistance  is 
considered. 
 
Protection Diode 
In general operation, RS1117A series don’t need any protection diodes. From the cross‐section structure of RS1117A series, 
the output pin is connected to P+ substrate, and the input pin is connected to N‐ well. There is a parasitic reverse diode 
between  them.  It  can  handle  microsecond  surge  currents  of  5A  to  10A.  Even  with  large  output  capacitance,  it  is  very 
difficult to get those values of surge currents in normal operation. Only with high value output capacitors, such as 1000uF. 
And with the input pin instantaneously shorted to ground, can damage occur. A crowbar circuit at the input of the RS1117A 
series  can  generate  those  kinds  of  currents,  and  a  diode  from  output  to  input  is  recommended.  Normal  power  supply 
cycling or even plugging and unplugging in the system will not generate currents large enough to do any damage. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Output Voltage
Package
Output Voltage
Package
Voltage
Output Voltage
 
RS1117ASJ-A
ADJ
RS1117AJ-A
ADJ
RS1117ASJ-B
1.8V
RS1117AJ-B
1.8V
RS1117ASJ-C
2.5V
RS1117AJ-C
2.5V
RS1117ASJ-D
3.3V
RS1117AJ-D
3.3V
RS1117ASJ-E
5.0V
SOT-223
RS1117AJ-E
5.0V
TO-252
RS1117A -A
ADJ
RS1117A -B
1.8V
RS1117A -C
2.5V
RS1117A -D
3.3V
RS1117A -E
5.0V
RS1117AE-A
ADJ
RS1117AE-B
1.8V
RS1117AE-C
2.5V
RS1117AE-D
3.3V
RS1117AE-E
5.0V


Similar Part No. - RS1117A-12JP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS1117A-J18G PTC-RS1117A-J18G Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J18P PTC-RS1117A-J18P Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J25G PTC-RS1117A-J25G Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J25P PTC-RS1117A-J25P Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-J33G PTC-RS1117A-J33G Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
More results

Similar Description - RS1117A-12JP

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com