Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS6501-ADSEG Datasheet(PDF) 8 Page - Orister Corporation

Part # RS6501-ADSEG
Description  150KHz, 40V, 2A PWM Buck DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS6501-ADSEG Datasheet(HTML) 8 Page - Orister Corporation

  RS6501-ADSEG Datasheet HTML 1Page - Orister Corporation RS6501-ADSEG Datasheet HTML 2Page - Orister Corporation RS6501-ADSEG Datasheet HTML 3Page - Orister Corporation RS6501-ADSEG Datasheet HTML 4Page - Orister Corporation RS6501-ADSEG Datasheet HTML 5Page - Orister Corporation RS6501-ADSEG Datasheet HTML 6Page - Orister Corporation RS6501-ADSEG Datasheet HTML 7Page - Orister Corporation RS6501-ADSEG Datasheet HTML 8Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page No. : 8/8
DS‐RS6501‐06    September, 2010 
www.Orister.com
 
 
Important Notice: 
 
© Orister Corporation 
Orister cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an Orister product. 
No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. 
 
Orister  reserves  the  right  to  make  changes  to  their  products  or  specifications  or  to  discontinue  any  product  or  service 
without notice. Except as provided in Orister’s terms and conditions of sale, Orister assumes no liability whatsoever, and 
Orister disclaims any express or implied warranty relating to the sale and/or use of Orister products including liability or 
warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other 
intellectual  property  right.  In  order  to  minimize  risks  associated  with  the  customer’s  applications,  adequate  design  and 
operating safeguards must be provided by the customer to minimize inherent or procedural hazards. Testing and other 
quality control techniques are utilized to the extent Orister deems necessary to support this warranty. Specific testing of 
all parameters of each device is not necessarily performed.  
 
Orister and the Orister logo are trademarks of Orister Corporation. All other brand and product names appearing in this 
document are registered trademarks or trademarks of their respective holders. 
 
 
 


Similar Part No. - RS6501-ADSEG

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS6501-ADSG PTC-RS6501-ADSG Datasheet
221Kb / 3P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
RS6501-ADSP PTC-RS6501-ADSP Datasheet
221Kb / 3P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
More results

Similar Description - RS6501-ADSEG

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS6501 PTC-RS6501 Datasheet
221Kb / 3P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
LD1596 UTC-LD1596_15 Datasheet
168Kb / 5P
   2A 150kHz 40V BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
   2A 150KHZ PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com