Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS6509A-ADSEP Datasheet(PDF) 3 Page - Orister Corporation

Part # RS6509A-ADSEP
Description  3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS6509A-ADSEP Datasheet(HTML) 3 Page - Orister Corporation

  RS6509A-ADSEP Datasheet HTML 1Page - Orister Corporation RS6509A-ADSEP Datasheet HTML 2Page - Orister Corporation RS6509A-ADSEP Datasheet HTML 3Page - Orister Corporation RS6509A-ADSEP Datasheet HTML 4Page - Orister Corporation RS6509A-ADSEP Datasheet HTML 5Page - Orister Corporation RS6509A-ADSEP Datasheet HTML 6Page - Orister Corporation RS6509A-ADSEP Datasheet HTML 7Page - Orister Corporation RS6509A-ADSEP Datasheet HTML 8Page - Orister Corporation RS6509A-ADSEP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page No. : 3/10
DS‐RS6509A‐05    February, 2010 
www.Orister.com
Block Diagram 
 
Absolute Maximum Ratings 
Symbol 
Parameter 
Range 
Units 
VIN 
Supply Voltage ‐0.3 to +21 
VSW 
SW Pin Voltage ‐0.3 to VIN +0.3 
VBS 
Boot Strap Voltage 
VSW ‐0.3 to VSW +6 
VFB 
Feedback Voltage ‐0.3 to +6 
VEN 
Enable/UVLO Voltage ‐0.3 to +6 
VCOMP 
Comp Voltage ‐0.3 to +6 
VSS 
SS Voltage ‐0.3 to +6 
TJ 
Junction Temperature 
150 
o
TOPR 
Operating Temperature Range ‐20 to +85 
o
TSTG 
Storage Temperature Range ‐65 to +150 
o
TLEAD 
Lead Temperature 
260 
oC 


Similar Part No. - RS6509A-ADSEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6509-12SEG ORISTER-RS6509-12SEG Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6509-12SEP ORISTER-RS6509-12SEP Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6509-33SEG ORISTER-RS6509-33SEG Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6509-33SEP ORISTER-RS6509-33SEP Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
More results

Similar Description - RS6509A-ADSEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6511A ORISTER-RS6511A Datasheet
577Kb / 10P
   3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6508A ORISTER-RS6508A Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6510A ORISTER-RS6510A Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6512A ORISTER-RS6512A Datasheet
514Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6507 ORISTER-RS6507 Datasheet
553Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com