Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2051 Datasheet(PDF) 5 Page - Orister Corporation

Part # RS2051
Description  Green-Mode PWM Controller with Frequency Jiggling for Low EMI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2051 Datasheet(HTML) 5 Page - Orister Corporation

  RS2051_10 Datasheet HTML 1Page - Orister Corporation RS2051_10 Datasheet HTML 2Page - Orister Corporation RS2051_10 Datasheet HTML 3Page - Orister Corporation RS2051_10 Datasheet HTML 4Page - Orister Corporation RS2051_10 Datasheet HTML 5Page - Orister Corporation RS2051_10 Datasheet HTML 6Page - Orister Corporation RS2051_10 Datasheet HTML 7Page - Orister Corporation RS2051_10 Datasheet HTML 8Page - Orister Corporation RS2051_10 Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Page No. : 5/11
DS-RS2051-09 No v, 2010
www.Orister.com
OPERATION DESCRIPTION
Current Mode
Compared to voltage mode control, current mode control has a current feedback loop. When the voltage of the Sense resistor
peak current of the primary winding reaches the internal setting value VTH, the register resets and the power MOSFET cuts off.
So, to detect and modulate the peak current cycle-by-cycle could control the output of the power supply. The current feedback
has a good linear modulation rate and a fast input and output dynamic impact, and avoid the pole that the output filter
inductance brings and the two-class system descends to the one-class. So it widens the frequency range and optimizes
overload protection and short circuit protection.
Startup Current and Under Voltage Lockout
The startup current of RS2051 is set to be very low so that a large value startup resistor can be used to minimize the power loss.
For AC to DC adaptor with universal input range design, a 2 mΩ, 1/8 W startup resistor and a 10uF/25V VDD hold capacitor
could be used.
The turn-on and turn-off threshold of the RS2051 is designed to 14V/8.8V. During startup, the hold-up capacitor must be charge
to 14V through the startup resistor. The hysteresis is implemented to prevent the shutdown from the voltage dip during startup.
Internal Bias and OSC Operation
A resistor connected between RI pin and GND pin sets the internal constant current source to charge or discharge the internal
fixed capacitor. The charge time and discharge time determines the internal clock speed and the switching frequency.
Increasing the resistance will reduce the value of the input current and reduce the switching frequency. The relationship
between RI and PWM switching frequency follows the below equation within the RI allowed range.
)
kHz
(
)
K
(
RI
6500
FOSC
Ω
=
For example, a 100kΩ resistor RI could
generate a 20uA constant current and a 65KHz PWM switching frequency.
The suggested operating frequency range of RS2051 is within 50KHz to 150KHz.
Green Power Operation
The power dissipation of switching mode power supply is very important in zero load or light load condition. The major
dissipation results from conduction loss、switching loss and consume of the control circuit. However, all of them relates to the
switching frequency. There are many difference topologies has been implemented in different chip. The basic operation theory
of all these approaches intends to reduce the switching frequency under light-load or no-load condition.
The RS2051’s green power function adapts PWM、PFM and CRM combining modulation. When RI resistor is 100kΩ, the PWM
frequency is 65KHz in medium or heavy load operation. Through modifying the pulse width, The RS2051 could control output
voltage. The current of FB pin increases when the load is in light condition and the internal mode controller enters PFM&PWM
when the feedback current is over 1.37mA. The operation frequency of oscillator is to descend gradually. When the feedback
current is over 0.5mA, the frequency of oscillator is invariable, namely 22kHz.
To decrease the standby consumption of the power supply,
Orister introduces the Cycle Reset Mode technology (CRM). If the
feedback current is over 0.59mA, mode controller of the RS2051 would reset internal register all the time and cut off the GATE
pin. While the output voltage is lower than the set value, the register would be set, the GATE pin operate again. So the
frequency of the internal OSC is invariable, the register would reset some pulses so that the practical frequency is decreased at
the GATE pin.
RS2051 Green-Power Function


Similar Part No. - RS2051_10

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2051N ORISTER-RS2051N Datasheet
525Kb / 13P
   Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
Princeton Technology Co...
RS2051N PTC-RS2051N Datasheet
547Kb / 5P
   Green-Mode PWM Controller with Frequency Jiggling
logo
Orister Corporation
RS2051P ORISTER-RS2051P Datasheet
525Kb / 13P
   Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
Princeton Technology Co...
RS2051P PTC-RS2051P Datasheet
547Kb / 5P
   Green-Mode PWM Controller with Frequency Jiggling
logo
Orister Corporation
RS2051S ORISTER-RS2051S Datasheet
525Kb / 13P
   Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
More results

Similar Description - RS2051_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS2051 PTC-RS2051 Datasheet
547Kb / 5P
   Green-Mode PWM Controller with Frequency Jiggling
RS2042 PTC-RS2042 Datasheet
207Kb / 4P
   Green-Power PWM Controller with Frequency Jiggling
logo
Orister Corporation
RS2042 ORISTER-RS2042_08 Datasheet
178Kb / 8P
   Green-Power PWM Controller with Freq. Jiggling
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Alliance Semiconductor ...
ASM8P18S42 ALSC-ASM8P18S42 Datasheet
1Mb / 11P
   Voltage Mode PWM Controller with EMI Reduction
logo
Leadtrend Technology
LD7531 LEADTREND-LD7531 Datasheet
360Kb / 18P
   Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
6/25/2008
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com