Electronic Components Datasheet Search |
|
A2F060M3D-1CS288 Datasheet(PDF) 6 Page - Microsemi Corporation |
|
A2F060M3D-1CS288 Datasheet(HTML) 6 Page - Microsemi Corporation |
6 / 192 page SmartFusion Customizable System-on-Chip (cSoC) VI Revision 10 Product Ordering Codes Temperature Grade Offerings Note: *Most devices in the SmartFusion cSoC family can be ordered with the Y suffix. Devices with a package size greater or equal to 5x5 mm are supported. Contact your local Microsemi SoC Products Group sales representative for more information. SmartFusion cSoC A2F060 A2F200 A2F500 TQ144 C, I – – PQ208 – C, I C, I CS288 C, I C, I C, I FG256 C, I C, I C, I FG484 – C, I C, I Notes: 1. C = Commercial Temperature Range: 0°C to 85°C Junction 2. I = Industrial Temperature Range: –40°C to 100°C Junction A2F200 FG _ Part Number SmartFusion Devices Speed Grade –1 = 100 MHz MSS Speed; FPGA Fabric 15% Faster than Standard = 80 MHz MSS Speed; FPGA Fabric at Standard Speed CPU Type M3 M3 = Cortex-M3 Package Type 484 I G Package Lead Count 256 208 288 484 Application (junction temperature range) Y Security Feature* Y = Device Includes License to Implement IP Based on the Cryptography Research, Inc. (CRI) Patent Portfolio Blank = Commercial (0 to +85°C) I = Industrial (–40 to +100°C) ES = Engineering Silicon (room temperature only) 200,000 System Gates A2F200 = 60,000 System Gates A2F060 = 500,000 System Gates A2F500 = PQ = Plastic Quad Flat Pack (0.5 mm pitch) TQ = Thin Quad Flat Pack (0.5 mm pitch) FG = Fine Pitch Ball Grid Array (1.0 mm pitch) CS = Chip Scale Package (0.5 mm pitch) F eNVM Size A = 8 Kbytes B = 16 Kbytes C = 32 Kbytes D = 64 Kbytes E = 128 Kbytes F = 256 Kbytes G = 512 Kbytes Lead-Free Packaging Options G = RoHS-Compliant (green) Packaging Blank = Standard Packaging 1 Blank Currently only the following eNVM sizes are available per device: A2F500M3 – G A2F200M3 – F A2F060M3 – E Blank = Device Does Not Include License to Implement IP Based on the Cryptography Research, Inc. (CRI) Patent Portfolio |
Similar Part No. - A2F060M3D-1CS288 |
|
Similar Description - A2F060M3D-1CS288 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |