Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R1C226M Datasheet(PDF) 4 Page - Orister Corporation

Part # C3225X5R1C226M
Description  2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

C3225X5R1C226M Datasheet(HTML) 4 Page - Orister Corporation

  C3225X5R1C226M Datasheet HTML 1Page - Orister Corporation C3225X5R1C226M Datasheet HTML 2Page - Orister Corporation C3225X5R1C226M Datasheet HTML 3Page - Orister Corporation C3225X5R1C226M Datasheet HTML 4Page - Orister Corporation C3225X5R1C226M Datasheet HTML 5Page - Orister Corporation C3225X5R1C226M Datasheet HTML 6Page - Orister Corporation C3225X5R1C226M Datasheet HTML 7Page - Orister Corporation C3225X5R1C226M Datasheet HTML 8Page - Orister Corporation C3225X5R1C226M Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page No. : 4/11
DS‐RS6515‐08    JULY, 2010 
www.Orister.com
Electrical Characteristics (VIN=12V, TA=25°C, unless otherwise specified) 
Symbol 
Parameter 
Conditions 
Min. 
Typ. 
Max.
Unit
VIN 
Input Voltage 
‐ 
4.75 
‐ 
20 
VFB 
Feedback Voltage 
4.75V ≤ VIN ≤ 21V 
0.898  0.925  0.952
RDS(ON)1 
Upper Switch On Resistance 
‐ 
‐ 
0.22 
‐ 
Ω 
RDS(ON)2 
Lower Switch On Resistance 
‐ 
‐ 
10 
‐ 
Ω 
ISw 
Upper Switch Leakage 
VEN = 0V, VSW = 0V 
‐ 
‐ 
10 
uA 
ILIM 
Current Limit 
(NOTE 1) 
‐ 
3.0 
‐ 
‐ 
GCS 
Current Sense Transconductance Output 
Current to Comp Pin Voltage 
‐ 
‐ 
1.95 
‐ 
A/V 
AVEA 
Error Amplifier Voltage Gain 
‐ 
‐ 
400 
‐ 
V/V 
GEA 
Error Amplifier Transconductance 
‐ 
550 
830 
1150
uA/V
FS 
Oscillator Frequency 
‐ 
‐ 
400 
‐ 
KHz 
FOSC1 
Short Circuit Frequency 
VFB = 0V 
‐ 
240 
‐ 
KHz 
‐ 
Soft‐Start Pin Equivalent Output Resistance 
‐ 
‐ 
‐ 
KΩ 
DMAX 
Maximum Duty Cycle 
VFB = 1.0V 
‐ 
90 
‐ 
tON 
Minimum On Time 
‐ 
‐ 
100 
‐ 
ns 
‐ 
EN Shutdown Threshold 
ICC>100uA 
0.7 
1.0 
1.3 
‐ 
Enable Pull Up Current 
VEN = 0V 
‐ 
1.0 
‐ 
uA 
‐ 
EN UVLO Threshold Rising 
VIN Rising 
2.35 
2.50 
2.65
‐ 
EN UVLO Threshold Hysteresis 
‐ 
‐ 
210 
‐ 
mV 
ISD 
Supply Current (Shutdown) 
VIN ≤0.4V 
‐ 
23 
36 
uA 
IQ 
Supply Current (Quiescent) 
VEN ≥3V 
‐ 
1.1 
1.3 
mA 
TSD 
Thermal Shutdown 
‐ 
‐ 
160 
‐ 
o
Notes: 
1.
Slope compensation changes current limit above 40% duty cycle. 
2.
Stresses  listed  as  the  above  "Absolute  Maximum  Ratings"  may  cause  permanent  damage  to  the  device.  These  are  for 
stress  ratings.  Functional  operation  of  the  device  at  these  or  any  other  conditions  beyond  those  indicated  in  the 
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended 
periods may remain possibility to affect device reliability. 
3.
Devices are ESD sensitive. Handling precaution is recommended. 
4.
The device is not guaranteed to function outside its operating conditions. 
5.
θJA is measured in the natural convection at TA = 25°C on a high effective four layers thermal conductivity test board of 
JEDEC 51‐7 thermal measurement standard. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - C3225X5R1C226M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
C3225X5R1C226M NSC-C3225X5R1C226M Datasheet
1Mb / 12P
   LMZ1050xEXT Evaluation Board
logo
Richtek Technology Corp...
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
249Kb / 16P
   3A, 24V, 3MHz Step-Down Converter
More results

Similar Description - C3225X5R1C226M

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6516 ORISTER-RS6516 Datasheet
541Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
   2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6507 ORISTER-RS6507 Datasheet
553Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com