Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK33 Datasheet(PDF) 7 Page - Orister Corporation

Part # SK33
Description  2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

SK33 Datasheet(HTML) 7 Page - Orister Corporation

Back Button SK33 Datasheet HTML 2Page - Orister Corporation SK33 Datasheet HTML 3Page - Orister Corporation SK33 Datasheet HTML 4Page - Orister Corporation SK33 Datasheet HTML 5Page - Orister Corporation SK33 Datasheet HTML 6Page - Orister Corporation SK33 Datasheet HTML 7Page - Orister Corporation SK33 Datasheet HTML 8Page - Orister Corporation SK33 Datasheet HTML 9Page - Orister Corporation SK33 Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Page No. : 7/10
DS‐RS6516‐05    February, 2010 
www.Orister.com
 
Output Rectifier Diode 
The output rectifier diode supplies the current to the inductor when the high‐side switch is off. To reduce losses due to the 
diode forward voltage and recovery times, use a Schottky diode. 
 
Choose a diode whose maximum reverse voltage rating is greater than the maximum input voltage, and whose current rating 
is greater than the maximum load current. 
 
Choose  a  rectifier  who’s  maximum  reverse  voltage  rating  is  greater  than  the  maximum  input  voltage,  and  who’s  current 
rating is greater than the maximum load current. 
 
Checking Transient Response 
The  regulator  loop  response  can  be  checked  by  looking  at  the  load  transient  response.  Switching  regulators  take  several 
cycles to respond to a step in load current. When a load step occurs, VOUT immediately shifts by an amount equal to ΔILOAD (ESR) 
also begins to charge or discharge COUT generating a feedback error signal for the regulator to return VOUT to its steady‐state 
value. During this recovery time, VOUT can be monitored for overshoot or ringing that would indicate a stability problem. 
 
 
Table 1. Suggested Inductors for Typical Application Circuit 
Component Supplier 
Series 
Dimensions (mm) 
MAGLAYERS 
MSCDRI‐124‐150M 
12 x 12 x 5.0 
SUMIDA 
CDRH104R 
10.1 x 10 x 3.0 
TOKO 
D104C 
10 x 10 x 4.3 
 
 
Table 2. Suggested Capacitors for CIN and COUT 
Component Supplier 
Part No. 
Capacitance (uF) 
Case Size 
MURATA 
GRM31CR61E106K 
10 
1206 
TDK 
C3225X5R1E106K 
10 
1206 
MURATA 
GRM32ER71C226M 
22 
1200 
TDK 
C3225X5R1C226M 
22 
1200 
Table 3. Schottky Rectifier Selection Guide 
2A Load Current 
VIN (Max.) 
Part No. 
Vendor 
B320 
Diodes, Inc. (www.diodes.com) 
SK33 
Pan Jit International (www.panjit.com.tw) 
20V 
SS32 
General Semiconductor (www.gensemi.com) 
B330 
Diodes, Inc. (www.diodes.com) 
B340L 
Diodes, Inc. (www.diodes.com) 
SK33 
Diodes, Inc. (www.diodes.com) 
MBRD330 
On Semiconductor (www.onsemi.com) 
26V 
SS33 
Fairchild Semiconductor (www.fairchildsemi.com) 
General Semiconductor (www.gensemi.com) 
 
 


Similar Part No. - SK33

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK33 PANJIT-SK33 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Micro Commercial Compon...
SK33 MCC-SK33 Datasheet
327Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Pan Jit International I...
SK33 PANJIT-SK33 Datasheet
71Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SK33 DIOTEC-SK33 Datasheet
140Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
First Silicon Co., Ltd
SK33 FS-SK33 Datasheet
186Kb / 3P
   VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK33

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6515 ORISTER-RS6515 Datasheet
486Kb / 11P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
   2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6507 ORISTER-RS6507 Datasheet
553Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com