Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS7212-33VFP Datasheet(PDF) 4 Page - Orister Corporation

Part # RS7212-33VFP
Description  300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7212-33VFP Datasheet(HTML) 4 Page - Orister Corporation

  RS7212-33VFP Datasheet HTML 1Page - Orister Corporation RS7212-33VFP Datasheet HTML 2Page - Orister Corporation RS7212-33VFP Datasheet HTML 3Page - Orister Corporation RS7212-33VFP Datasheet HTML 4Page - Orister Corporation RS7212-33VFP Datasheet HTML 5Page - Orister Corporation RS7212-33VFP Datasheet HTML 6Page - Orister Corporation RS7212-33VFP Datasheet HTML 7Page - Orister Corporation RS7212-33VFP Datasheet HTML 8Page - Orister Corporation RS7212-33VFP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Page No. : 4/16
DS‐RS7212‐02    September, 2009 
www.Orister.com
Detail Description 
The RS7212 is a low‐dropout linear regulator. The device provides preset 2.5V, 2.85V and 3.3V output voltages for output 
current  up  to  150mA.  Other  mask  options  for  special  output  voltages  from  1.2V  to  5.0V  with  100mV  increment  are  also 
available. As illustrated in function block diagram, it consists of a 1.0V reference, error amplifier, a P‐channel pass transistor, 
an ON/OFF control logic and an internal feedback voltage divider. 
 
The 1.0V band gap reference is connected to the error amplifier, which compares this reference with the feedback voltage 
and amplifies the voltage difference. If the feedback voltage is lower than the reference voltage, the pass‐transistor gate is 
pulled lower, which allows more current to pass to the output pin and increases the output voltage. If the feedback voltage is 
too high, the pass transistor gate is pulled up to decrease the output voltage. 
 
The  output  voltage  is  feed  back  through  an  internal  resistive  divider  connected  to  VOUT  pin.  Additional  blocks  include  an 
output current limiter, thermal sensor, and shutdown logic. 
 
Internal P‐channel Pass Transistor 
The  RS7212  features  a  P‐channel  MOSFET  pass  transistor.  Unlike  similar  designs  using  PNP  pass  transistors,  P‐channel 
MOSFETs require no base drive, which reduces quiescent current. PNP based regulators also waste considerable current in 
dropout when the pass transistor saturates, and use high base‐drive currents under large loads. The RS7212 does not suffer 
from  these  problems  and  consumes  only  15μA  (Typ.)  of  current  consumption  under  heavy  loads  as  well  as  in  dropout 
conditions. 
 
Enable Function 
EN pin starts and stops the regulator. When the EN pin is switched to the power off level, the operation of all internal circuit 
stops,  the  build‐in  P‐channel  MOSFET  output  transistor  between  pins  VIN  and  VOUT  is  switched  off,  allowing  current 
consumption to be drastically reduced. The VOUT pin enters the GND level through the internal discharge path between VOUT 
and GND pins. 
 
Output Voltage Selection 
The  RS7212  output  voltage  is  preset  at an internally  trimmed  voltage 2.5V,  2.85V  or 3.3V.  The output  voltage  also  can  be 
mask‐optioned from 1.2V to 5.0V with 100mV increment by special order. The first two digits of part number suffix identify 
the output voltage (see Ordering Information). For example, the RS7212‐33 has a preset 3.3V output voltage. 
 
Current Limit 
The RS7212 also includes a fold back current limiter. It monitors and controls the pass transistor’s gate voltage, estimates the 
output current, and limits the output current within 0.5A. 
 
Thermal Overload Protection 
Thermal overload protection limits total power dissipation in the RS7212. When the junction temperature exceeds TJ=+150°C, 
a thermal sensor turns off the pass transistor, allowing the IC to cool down. The thermal sensor turns the pass transistor on 
again after the junction temperature cools down by 20°C, resulting in a pulsed output during continuous thermal overload 
conditions. 
 
Thermal overload protection is designed to protect the RS7212 in the event of fault conditions. For continuous operation, the 
absolute maximum operating junction temperature rating of TJ=+125°C should not be exceeded. 
 
Operating Region and Power Dissipation 
Maximum power dissipation of the RS7212 depends on the thermal resistance of the case and circuit board, the temperature 
difference between the die junction and ambient air, and the rate of airflow. The power dissipation across the devices is P = 
IOUT x (VIN‐VOUT). The resulting maximum power dissipation is: 
JA
A
J
CA
JC
A
J
MAX
T
T
T
T
P
θ
θ
θ
)
(
)
(
=
+
=
 


Similar Part No. - RS7212-33VFP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7213 ORISTER-RS7213 Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7213-18DHFNEG ORISTER-RS7213-18DHFNEG Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7213-18DHFNEP ORISTER-RS7213-18DHFNEP Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7213-18DHFSCG ORISTER-RS7213-18DHFSCG Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7213-18DHFSCP ORISTER-RS7213-18DHFSCP Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
More results

Similar Description - RS7212-33VFP

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
RS7213 ORISTER-RS7213 Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com