Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9R860S2 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ISL9R860S2
Description  8A, 600V Stealth??Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9R860S2 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ISL9R860S2 Datasheet HTML 1Page - Fairchild Semiconductor ISL9R860S2 Datasheet HTML 2Page - Fairchild Semiconductor ISL9R860S2 Datasheet HTML 3Page - Fairchild Semiconductor ISL9R860S2 Datasheet HTML 4Page - Fairchild Semiconductor ISL9R860S2 Datasheet HTML 5Page - Fairchild Semiconductor ISL9R860S2 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2004 Fairchild Semiconductor Corporation
ISL9R860P2, ISL9R860S2, ISL9R860S3ST Rev. C1
Typical Performance Curves
Figure 1. Forward Current vs Forward Voltage
Figure 2. Reverse Current vs Reverse Voltage
Figure 3. ta and tb Curves vs Forward Current
Figure 4. ta and tb Curves vs dIF/dt
Figure 5. Maximum Reverse Recovery Current vs
Forward Current
Figure 6. Maximum Reverse Recovery Current vs
dIF/dt
VF, FORWARD VOLTAGE (V)
0
0.5 0.75
1
2.5
0.25
1.5
2
2.25
0
2
4
6
8
10
12
14
16
2.75
25oC
175oC
150oC
100oC
125oC
1.75
1.25
VR, REVERSE VOLTAGE (V)
100
10
1
100
200
300
500
600
400
0.1
25oC
175oC
150oC
125oC
100oC
IF, FORWARD CURRENT (A)
0
0
10
20
30
40
50
60
10
16
70
80
2
4
6
8
12
14
VR = 390V, TJ = 125°C
tb AT dIF/dt = 200A/µs, 500A/µs, 800A/µs
ta AT dIF/dt = 200A/µs, 500A/µs, 800A/µs
dIF/dt, CURRENT RATE OF CHANGE (A/µs)
100
0
10
20
30
40
50
60
700
1000
200
300
400
500
600
800
900
70
80
90
VR = 390V, TJ = 125°C
tb AT IF = 16A, 8A, 4A
ta AT IF = 16A, 8A, 4A
IF, FORWARD CURRENT (A)
0
2
3
4
5
6
7
8
16
dIF/dt = 800A/µs
dIF/dt = 500A/µs
dIF/dt = 200A/µs
VR = 390V, TJ = 125°C
9
10
11
24
68
10
12
14
dIF/dt, CURRENT RATE OF CHANGE (A/µs)
100
0
2
4
6
8
10
700
1000
VR = 390V, TJ = 125°C
IF = 16A
IF = 8A
IF = 4A
12
14
200
300
400
500
600
800
900


Similar Part No. - ISL9R860S2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISL9R860P2 ISC-ISL9R860P2 Datasheet
313Kb / 2P
   Ultrafast Rectifier
logo
Fairchild Semiconductor
ISL9R860P2 FAIRCHILD-ISL9R860P2_09 Datasheet
330Kb / 8P
   8A, 600V Stealth??Diode
logo
Samsung semiconductor
ISL9R860PF2 SAMSUNG-ISL9R860PF2 Datasheet
142Kb / 6P
   8A, 600V Stealth Diode
logo
Fairchild Semiconductor
ISL9R860PF2 FAIRCHILD-ISL9R860PF2 Datasheet
139Kb / 6P
   8A, 600V Stealth??Diode
More results

Similar Description - ISL9R860S2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
ISL9860PF2 SAMSUNG-ISL9860PF2 Datasheet
142Kb / 6P
   8A, 600V Stealth Diode
logo
Fairchild Semiconductor
ISL9860PF2 FAIRCHILD-ISL9860PF2 Datasheet
142Kb / 6P
   8A, 600V Stealth Diode
ISL9R860PF2 FAIRCHILD-ISL9R860PF2 Datasheet
139Kb / 6P
   8A, 600V Stealth??Diode
ISL9R860P2 FAIRCHILD-ISL9R860P2_09 Datasheet
330Kb / 8P
   8A, 600V Stealth??Diode
ISL9K860P3 FAIRCHILD-ISL9K860P3 Datasheet
144Kb / 6P
   8A, 600V Stealth??Dual Diode
ISL9R8120P2 FAIRCHILD-ISL9R8120P2 Datasheet
145Kb / 6P
   8A, 1200V Stealth??Diode
ISL9K8120P3 FAIRCHILD-ISL9K8120P3 Datasheet
140Kb / 6P
   8A, 1200V Stealth??Dual Diode
ISL9R1560S3S FAIRCHILD-ISL9R1560S3S Datasheet
131Kb / 7P
   15A, 600V Stealth??Diode
ISL9R460PF2 FAIRCHILD-ISL9R460PF2_09 Datasheet
671Kb / 7P
   4A, 600V Stealth??Diode
FF1N30HS60DD FAIRCHILD-FF1N30HS60DD Datasheet
166Kb / 6P
   30A, 600V Stealth Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com