Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9V3036D3S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ISL9V3036D3S
Description  EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V3036D3S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ISL9V3036D3S Datasheet HTML 1Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 2Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 3Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 4Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 5Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 6Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 7Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9V3036D3S / ISL9V3036S3S / ISL9V3036P3 Rev. C2, April 2002
Typical Performance Curves (Continued)
Figure 7. Collector to Emitter On-State Voltage vs
Collector Current
Figure 8. Transfer Characteristics
Figure 9. DC Collector Current vs Case
Temperature
Figure 10. Threshold Voltage vs Junction
Temperature
Figure 11. Leakage Current vs Junction
Temperature
Figure 12. Switching Time vs Junction
Temperature
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
25
15
5
0
20
10
02.0
1.0
3.0
4.0
VGE = 4.0V
VGE = 3.7V
VGE = 4.5V
VGE = 5.0V
VGE = 8.0V
TJ = 175°C
VGE, GATE TO EMITTER VOLTAGE (V)
2.0
1.0
3.0
4.0
25
15
5
0
20
10
PULSE DURATION = 250µs
DUTY CYCLE < 0.5%, VCE = 5V
TJ = 25°C
TJ = 150°C
2.5
1.5
3.5
4.5
TJ = -40°C
TC, CASE TEMPERATURE (°C)
25
25
175
125
75
50
100
150
20
15
10
5
0
VGE = 4.0V
2.2
175
50
100
2.0
1.8
1.6
1.4
1.0
VCE = VGE
TJ JUNCTION TEMPERATURE (°C)
150
0
-50
125
75
25
-25
1.2
ICE = 1mA
TJ, JUNCTION TEMPERATURE (°C)
1000
10
0.1
10000
100
1
25
-25
175
125
75
-50
0
50
100
150
VCES = 250V
VECS = 24V
VCES = 300V
25
175
125
75
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
12
10
8
6
4
2
ICE = 6.5A, VGE = 5V, RG = 1KΩ
Resistive tOFF
Inductive tOFF
Resistive tON


Similar Part No. - ISL9V3036D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3ST FAIRCHILD-ISL9V3036D3ST Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
More results

Similar Description - ISL9V3036D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S Datasheet
206Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S_04 Datasheet
172Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD2736G3-F085 ONSEMI-FGD2736G3-F085 Datasheet
932Kb / 9P
   EcoSPARKTM 3 270mJ, 360V, N-Channel Ignition IGBT
August-2017, Rev. 2
FGD3050G2 ONSEMI-FGD3050G2 Datasheet
758Kb / 7P
   EcoSPARKTM 2 300mJ, 500V, N-Channel Ignition IGBT
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FGB3040CS FAIRCHILD-FGB3040CS_12 Datasheet
590Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS Datasheet
428Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
FGB3236 FAIRCHILD-FGB3236 Datasheet
583Kb / 10P
   FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com