Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS7300-ADNG Datasheet(PDF) 4 Page - Orister Corporation

Part # RS7300-ADNG
Description  600mA Adjustable & Fixed Voltage LDO Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7300-ADNG Datasheet(HTML) 4 Page - Orister Corporation

  RS7300-ADNG Datasheet HTML 1Page - Orister Corporation RS7300-ADNG Datasheet HTML 2Page - Orister Corporation RS7300-ADNG Datasheet HTML 3Page - Orister Corporation RS7300-ADNG Datasheet HTML 4Page - Orister Corporation RS7300-ADNG Datasheet HTML 5Page - Orister Corporation RS7300-ADNG Datasheet HTML 6Page - Orister Corporation RS7300-ADNG Datasheet HTML 7Page - Orister Corporation RS7300-ADNG Datasheet HTML 8Page - Orister Corporation RS7300-ADNG Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page No. : 4/11
DS‐RS7300‐14    September, 2009 
www.Orister.com
Electrical Characteristics (T
A=25°C, VIN=5.0V unless otherwise specified) 
Symbol 
Parameter 
Conditions 
Min. 
Typ. 
Max.
Unit 
VIN 
Input Voltage ‐ 
2.4 ‐ 
7.0 
VIN=VOUT+1.0V, IOUT=1mA, VOUT≧1.8V 
‐2% 
+2% 
Fixed 
Type 
VIN=VOUT+1.0V, IOUT=1mA, VOUT<1.8V, 
VIN>2.4V 
‐35 
+35 
mV 
VIN=VOUT+1.2V, IOUT=1mA, VOUT≧1.8V 
‐2% 
+2% 
VOUT 
Output Voltage 
ADJ 
Type 
VIN=VOUT+1.2V, IOUT=1mA, VOUT<1.8V, 
VIN>2.4V 
‐50 
VOUT 
+50 
mV 
IMAX 
Output Current (see NOTE) 
VOUT+1.0V≦VIN≦7.0V, VOUT≧2.4V 
600 ‐ 
‐ 
mA 
IOUT=100mA, VOUT>3.0V ‐ 
100 ‐ 
Dropout Voltage (Fixed Type) 
IOUT=600mA, VOUT>3.0V ‐ 
500 ‐ 
VDROP 
Dropout Voltage (ADJ Type) 
IOUT=600mA, VOUT>3.0V ‐ 
900 ‐ 
mV 
VOUT+1.0V≦VIN≦7V, IOUT=1mA (Fixed Type) 
‐ 
0.2 
0.3 
ΔVLINE 
Line Regulation 
VOUT+1.2V≦VIN≦5V, IOUT=1mA, VIN≧2.8V 
‐ 
‐ 
0.2 
%/V 
ΔVLOAD 
Load Regulation 
VIN=VOUT+1V, 1mA≦IOUT≦600mA 
‐ 
0.01 
0.02 
%/mA
IQ 
Ground Pin Current 
ILOAD=0mA to 600mA, VIN=VOUT+1.0V ‐ 
60 ‐ 
uA 
IADJ 
ADJ Pin Current 
ILOAD=0mA to 600mA, VIN=VOUT+1.0V ‐ 
60 ‐ 
uA 
PSRR 
Ripple Rejection 
IOUT=30mA, F=1KHz, COUT=3.3uF ‐ 
55 ‐ 
dB 
eN 
Output Noise 
IOUT=100mA , F=1KHz, COUT=3.3uF ‐ 
40 ‐ 
uV(rms)
TSD 
Thermal Shutdown Temperature ‐ 
‐ 
150 ‐ 
o
THYS 
Thermal Shutdown Hysteresis ‐ 
‐ 
20 ‐ 
o
NOTE:Measured using a double sided board with 1” x 2” square inches of copper area connected to the GND pins for “heat spreading”. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS7300-ADNG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
RS7302-18DHFNEP ORISTER-RS7302-18DHFNEP Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
RS7302-18DHFSCP ORISTER-RS7302-18DHFSCP Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
RS7302-18DHFSP ORISTER-RS7302-18DHFSP Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
RS7302-18DHNNEP ORISTER-RS7302-18DHNNEP Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
More results

Similar Description - RS7300-ADNG

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
AUK corp
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
   600mA Super LDO Linear Regulator
logo
AUK corp
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com