Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS7812AJ Datasheet(PDF) 2 Page - Orister Corporation

Part # RS7812AJ
Description  1.0A Low Dropout Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7812AJ Datasheet(HTML) 2 Page - Orister Corporation

  RS7812AJ Datasheet HTML 1Page - Orister Corporation RS7812AJ Datasheet HTML 2Page - Orister Corporation RS7812AJ Datasheet HTML 3Page - Orister Corporation RS7812AJ Datasheet HTML 4Page - Orister Corporation RS7812AJ Datasheet HTML 5Page - Orister Corporation RS7812AJ Datasheet HTML 6Page - Orister Corporation RS7812AJ Datasheet HTML 7Page - Orister Corporation RS7812AJ Datasheet HTML 8Page - Orister Corporation RS7812AJ Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Page No. : 2/12
DS‐RS78XX‐08     September, 2009 
www.Orister.com
Pin Assignments 
   
TO‐251 
TO‐252 
TO‐220‐3 
   
 
 
 
   
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
VIN 
Regulator Input Pin 
2, 4 
GND 
Ground Pin 
TO‐251 
VOUT 
Regulator Output Pin 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
VIN 
Regulator Input Pin 
2, 4 
GND 
Ground Pin 
TO‐252 
VOUT 
Regulator Output Pin 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
VIN 
Regulator Input Pin 
2, 4 
GND 
Ground Pin 
TO‐220‐3 
VOUT 
Regulator Output Pin 
Ordering Information 
Part Number 
VOUT 
Package 
RS7805AJ 
5V±0.15V 
TO‐252 
RS7805AE 
5V±0.15V 
TO‐220AB 
RS7805AI 
5V±0.15V 
TO‐251 
RS7806AJ 
6V±0.18V 
TO‐252 
RS7806AE 
6V±0.18V 
TO‐220AB 
RS7806AI 
6V±0.18V 
TO‐251 
RS7808AJ 
8V±0.24V 
TO‐252 
RS7808AE 
8V±0.24V 
TO‐220AB 
RS7808AI 
8V±0.24V 
TO‐251 
RS7809AJ 
9V±0.27V 
TO‐252 
RS7809AE 
9V±0.27V 
TO‐220AB 
RS7809AI 
9V±0.27V 
TO‐251 
RS7812AJ 
12V±0.36V 
TO‐252 
RS7812AE 
12V±0.36V 
TO‐220AB 
RS7812AI 
12V±0.36V 
TO‐251 


Similar Part No. - RS7812AJ

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS7812 PTC-RS7812 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
More results

Similar Description - RS7812AJ

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com