Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9V5036S3S Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # ISL9V5036S3S
Description  EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V5036S3S Datasheet(HTML) 5 Page - Fairchild Semiconductor

  ISL9V5036S3S Datasheet HTML 1Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 2Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 3Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 4Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 5Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 6Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 7Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 Rev. C1, September 2002
Figure 13. Capacitance vs Collector to Emitter
Voltage
Figure 14. Gate Charge
Figure 15. Breakdown Voltage vs Series Gate Resistance
Figure 16. IGBT Normalized Transient Thermal Impedance, Junction to Case
Typical Characteristics (Continued)
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
3000
1000
500
1500
010
5
152025
0
CIES
FREQUENCY = 1 MHz
COES
CRES
2500
2000
QG, GATE CHARGE (nC)
0
2
4
8
0
1020
3040
50
3
5
7
6
1
IG(REF) = 1mA, RL = 0.6Ω, TJ = 25°C
VCE = 6V
VCE = 12V
RG, SERIES GATE RESISTANCE (kΩ)
360
352
348
356
10
2000
1000
3000
344
100
354
350
358
346
TJ = - 40°C
TJ = 25°C
TJ = 175°C
ICER = 10mA
342
340
T1, RECTANGULAR PULSE DURATION (s)
100
10-2
10-1
10-2
10-3
10-4
10-5
10-1
10-6
t1
t2
PD
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X ZθJC X RθJC) + TC
0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
10-3
10-4


Similar Part No. - ISL9V5036S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3ST FAIRCHILD-ISL9V5036S3ST Datasheet
174Kb / 8P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
More results

Similar Description - ISL9V5036S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3 FAIRCHILD-ISL9V5036P3_11 Datasheet
354Kb / 7P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3ST FAIRCHILD-ISL9V5036S3ST Datasheet
174Kb / 8P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD2736G3-F085 ONSEMI-FGD2736G3-F085 Datasheet
932Kb / 9P
   EcoSPARKTM 3 270mJ, 360V, N-Channel Ignition IGBT
August-2017, Rev. 2
logo
Fairchild Semiconductor
FGB3236 FAIRCHILD-FGB3236 Datasheet
583Kb / 10P
   FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3_F085 FAIRCHILD-ISL9V5036P3_F085 Datasheet
361Kb / 8P
   ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com