Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS7215-33DLNSKP Datasheet(PDF) 1 Page - Orister Corporation

Part # RS7215-33DLNSKP
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7215-33DLNSKP Datasheet(HTML) 1 Page - Orister Corporation

  RS7215-33DLNSKP Datasheet HTML 1Page - Orister Corporation RS7215-33DLNSKP Datasheet HTML 2Page - Orister Corporation RS7215-33DLNSKP Datasheet HTML 3Page - Orister Corporation RS7215-33DLNSKP Datasheet HTML 4Page - Orister Corporation RS7215-33DLNSKP Datasheet HTML 5Page - Orister Corporation RS7215-33DLNSKP Datasheet HTML 6Page - Orister Corporation RS7215-33DLNSKP Datasheet HTML 7Page - Orister Corporation RS7215-33DLNSKP Datasheet HTML 8Page - Orister Corporation RS7215-33DLNSKP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page No. : 1/10
DS‐RS7215‐02    September, 2009 
www.Orister.com
RS7215 
1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge 
 
General Description 
The  RS7215  series  is  a  low‐dropout  linear  regulator  with  ON/OFF  control  that  operates  in  the  input  voltage  range  from 
+2.4V to +7.0V and delivers 1.0A output current. 
 
The  RS7215  is  available  in  two  types,  fixed  output  voltage  type  and  adjustable  output  voltage  type.  The  fixed  output 
voltage type is preset at an internally trimmed voltage 1.8V, 2.5V, or 3.3V. Other options 1.2V, 1.5V, 2.85V, 3.0V and 3.6V 
are available by special order only. The output voltage range of the adjustable type is from 1.175V to 5V. 
 
The RS7215 (ADJ type) consists of a 1.175V bandgap reference, an error amplifier, and a P‐channel pass transistor. Other 
features include short‐circuit protection and thermal shutdown protection. 
 
The RS7215 (Fixed type) consists of a 0.95V bandgap reference, an error amplifier, and a P‐channel pass transistor. Other 
features include short‐circuit protection and thermal shutdown protection. The RS7215 series devices are available in SOT‐
223‐5, TO‐252‐5 packages. 
Features 
Applications 
◎ Operating Voltage Range:+2.4V to +7.0V 
◎ Output Voltages:+1.0V to +5.0V (0.1V Step) (Fixed), 
+1.175V to +5.0V (ADJ Type) 
◎ Dropout Voltage:700mV@1000mA (Fixed) 
◎ Fast Response in Power‐on (Fixed Voltage Only) 
◎ Low Current Consumption:60μA (Typ.) 
◎ Low ESR Capacitor Compatible 
◎ High Ripple Rejection:55dB (Typ.) 
◎ Short Circuit Protection:600mA (Typ.) 
◎ Thermal Overload Shutdown Protection 
◎ SOT‐223‐5, TO‐252‐5 packages  
◎ RoHS Compliant and 100% Lead (Pb)‐Free and Green 
(Halogen Free with Commercial Standard) 
◎ Battery‐Powered Equipments 
◎ Graphic Card, Peripheral Card 
◎ PCMCIA & New Card 
◎ Mini PCI & PCI‐Express Cards 
◎ Digital Still Camera 
◎ CDMA/GSM Cellular Handsets 
◎ Laptop, Palmtops, Notebook Computers 
◎ Portable Information Application 
Application Circuits 
 
 
 
 
 
This  integrated  circuit  can  be  damaged  by  ESD.  Orister  Corporation  recommends  that  all  integrated  circuits  be  handled  with 
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. 
 
ESD  damage  can  range  from  subtle  performance  degradation  to  complete  device  failure.  Precision  integrated  circuits  may  be  more 
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
 


Similar Part No. - RS7215-33DLNSKP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7215-33DLNSKP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com