Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS090-2FG256Y Datasheet(PDF) 10 Page - Microsemi Corporation

Part # AFS090-2FG256Y
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090-2FG256Y Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button AFS090-2FG256Y Datasheet HTML 6Page - Microsemi Corporation AFS090-2FG256Y Datasheet HTML 7Page - Microsemi Corporation AFS090-2FG256Y Datasheet HTML 8Page - Microsemi Corporation AFS090-2FG256Y Datasheet HTML 9Page - Microsemi Corporation AFS090-2FG256Y Datasheet HTML 10Page - Microsemi Corporation AFS090-2FG256Y Datasheet HTML 11Page - Microsemi Corporation AFS090-2FG256Y Datasheet HTML 12Page - Microsemi Corporation AFS090-2FG256Y Datasheet HTML 13Page - Microsemi Corporation AFS090-2FG256Y Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 334 page
background image
Fusion Device Family Overview
1-4
Revision 4
– RC oscillator
– Crystal oscillator
– No-Glitch MUX (NGMUX)
Digital I/Os with advanced I/O standards
FPGA VersaTiles
Analog components
–ADC
– Analog I/Os supporting voltage, current, and temperature monitoring
– 1.5 V on-board voltage regulator
– Real-time counter
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input logic
lookup table (LUT) equivalent or a D-flip-flop or latch (with or without enable) by programming the
appropriate flash switch interconnections. This versatility allows efficient use of the FPGA fabric. The
VersaTile capability is unique to the Microsemi families of flash-based FPGAs. VersaTiles and larger
functions are connected with any of the four levels of routing hierarchy. Flash switches are distributed
throughout the device to provide nonvolatile, reconfigurable interconnect programming. Maximum core
utilization is possible for virtually any design.
In addition, extensive on-chip programming circuitry allows for rapid (3.3 V) single-voltage programming
of Fusion devices via an IEEE 1532 JTAG interface.
Unprecedented Integration
Integrated Analog Blocks and Analog I/Os
Fusion devices offer robust and flexible analog mixed signal capability in addition to the high-
performance flash FPGA fabric and flash memory block. The many built-in analog peripherals include a
configurable 32:1 input analog MUX, up to 10 independent MOSFET gate driver outputs, and a
configurable ADC. The ADC supports 8-, 10-, and 12-bit modes of operation with a cumulative sample
rate up to 600 k samples per second (Ksps), differential nonlinearity (DNL) < 1.0 LSB, and Total
Unadjusted Error (TUE) of 0.72 LSB in 10-bit mode. The TUE is used for characterization of the
conversion error and includes errors from all sources, such as offset and linearity. Internal bandgap
circuitry offers 1% voltage reference accuracy with the flexibility of utilizing an external reference voltage.
The ADC channel sampling sequence and sampling rate are programmable and implemented in the
FPGA logic using Designer and Libero SoC software tool support.
Two channels of the 32-channel ADCMUX are dedicated. Channel 0 is connected internally to VCC and
can be used to monitor core power supply. Channel 31 is connected to an internal temperature diode
which can be used to monitor device temperature. The 30 remaining channels can be connected to
external analog signals. The exact number of I/Os available for external connection signals is device-
dependent (refer to the "Fusion Family" table on page I for details).
With Fusion, Microsemi also introduces the Analog Quad I/O structure (Figure 1-1 on page 1-5). Each
quad consists of three analog inputs and one gate driver. Each quad can be configured in various built-in
circuit combinations, such as three prescaler circuits, three digital input circuits, a current monitor circuit,
or a temperature monitor circuit. Each prescaler has multiple scaling factors programmed by FPGA
signals to support a large range of analog inputs with positive or negative polarity. When the current
monitor circuit is selected, two adjacent analog inputs measure the voltage drop across a small external
sense resistor. For more information, refer to the "Analog System Characteristics" section on
page 2-120. Built-in operational amplifiers amplify small voltage signals for accurate current
measurement. One analog input in each quad can be connected to an external temperature monitor
diode. In addition to the external temperature monitor diode(s), a Fusion device can monitor an internal
temperature diode using dedicated channel 31 of the ADCMUX.
Figure 1-1 on page 1-5 illustrates a typical use of the Analog Quad I/O structure. The Analog Quad
shown is configured to monitor and control an external power supply. The AV pad measures the source
of the power supply. The AC pad measures the voltage drop across an external sense resistor to


Similar Part No. - AFS090-2FG256Y

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AFS090-2FG256ES ACTEL-AFS090-2FG256ES Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
AFS090-2FG256I ACTEL-AFS090-2FG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
AFS090-2FG256PP ACTEL-AFS090-2FG256PP Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
More results

Similar Description - AFS090-2FG256Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com