Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1AFS1500-PQ256ES Datasheet(PDF) 8 Page - Microsemi Corporation

Part # M1AFS1500-PQ256ES
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M1AFS1500-PQ256ES Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button M1AFS1500-PQ256ES Datasheet HTML 4Page - Microsemi Corporation M1AFS1500-PQ256ES Datasheet HTML 5Page - Microsemi Corporation M1AFS1500-PQ256ES Datasheet HTML 6Page - Microsemi Corporation M1AFS1500-PQ256ES Datasheet HTML 7Page - Microsemi Corporation M1AFS1500-PQ256ES Datasheet HTML 8Page - Microsemi Corporation M1AFS1500-PQ256ES Datasheet HTML 9Page - Microsemi Corporation M1AFS1500-PQ256ES Datasheet HTML 10Page - Microsemi Corporation M1AFS1500-PQ256ES Datasheet HTML 11Page - Microsemi Corporation M1AFS1500-PQ256ES Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 334 page
background image
Fusion Device Family Overview
1-2
Revision 4
The on-chip crystal and RC oscillators work in conjunction with the integrated phase-locked loops (PLLs)
to provide clocking support to the FPGA array and on-chip resources. In addition to supporting typical
RTC uses such as watchdog timer, the Fusion RTC can control the on-chip voltage regulator to power
down the device (FPGA fabric, flash memory block, and ADC), enabling a low power standby mode.
The Fusion family offers revolutionary features, never before available in an FPGA. The nonvolatile flash
technology gives the Fusion solution the advantage of being a highly secure, low power, single-chip
solution that is Instant On. Fusion is reprogrammable and offers time-to-market benefits at an ASIC-level
unit cost. These features enable designers to create high-density systems using existing ASIC or FPGA
design flows and tools.
Flash Advantages
Reduced Cost of Ownership
Advantages to the designer extend beyond low unit cost, high performance, and ease of use. Flash-
based Fusion devices are Instant On and do not need to be loaded from an external boot PROM. On-
board security mechanisms prevent access to the programming information and enable remote updates
of the FPGA logic that are protected with high level security. Designers can perform remote in-system
reprogramming to support future design iterations and field upgrades, with confidence that valuable IP is
highly unlikely to be compromised or copied. ISP can be performed using the industry-standard AES
algorithm with MAC data authentication on the device. The Fusion family device architecture mitigates
the need for ASIC migration at higher user volumes. This makes the Fusion family a cost-effective ASIC
replacement solution for applications in the consumer, networking and communications, computing, and
avionics markets.
Security
As the nonvolatile, flash-based Fusion family requires no boot PROM, there is no vulnerable external
bitstream. Fusion devices incorporate FlashLock, which provides a unique combination of
reprogrammability and design security without external overhead, advantages that only an FPGA with
nonvolatile flash programming can offer.
Fusion devices utilize a 128-bit flash-based key lock and a separate AES key to provide the highest level
of protection in the FPGA industry for programmed IP and configuration data. The FlashROM data in
Fusion devices can also be encrypted prior to loading. Additionally, the flash memory blocks can be
programmed during runtime using the industry-leading AES-128 block cipher encryption standard (FIPS
Publication 192). The AES standard was adopted by the National Institute of Standards and Technology
(NIST) in 2000 and replaces the DES standard, which was adopted in 1977. Fusion devices have a built-
in AES decryption engine and a flash-based AES key that make Fusion devices the most comprehensive
programmable logic device security solution available today. Fusion devices with AES-based security
provide a high level of protection for remote field updates over public networks, such as the Internet, and
are designed to ensure that valuable IP remains out of the hands of system overbuilders, system cloners,
and IP thieves. As an additional security measure, the FPGA configuration data of a programmed Fusion
device cannot be read back, although secure design verification is possible. During design, the user
controls and defines both internal and external access to the flash memory blocks.
Security, built into the FPGA fabric, is an inherent component of the Fusion family. The flash cells are
located beneath seven metal layers, and many device design and layout techniques have been used to
make invasive attacks extremely difficult. Fusion with FlashLock and AES security is unique in being
highly resistant to both invasive and noninvasive attacks. Your valuable IP is protected with industry-
standard security, making remote ISP possible. A Fusion device provides the best available security for
programmable logic designs.
Single Chip
Flash-based FPGAs store their configuration information in on-chip flash cells. Once programmed, the
configuration data is an inherent part of the FPGA structure, and no external configuration data needs to
be loaded at system power-up (unlike SRAM-based FPGAs). Therefore, flash-based Fusion FPGAs do
not require system configuration components such as EEPROMs or microcontrollers to load device
configuration data. This reduces bill-of-materials costs and PCB area, and increases security and system
reliability.


Similar Part No. - M1AFS1500-PQ256ES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
M1AFS1500-PQ256ES ACTEL-M1AFS1500-PQ256ES Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
More results

Similar Description - M1AFS1500-PQ256ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com