Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS7213-18ULFSCP Datasheet(PDF) 8 Page - Orister Corporation

Part # RS7213-18ULFSCP
Description  300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7213-18ULFSCP Datasheet(HTML) 8 Page - Orister Corporation

  RS7213-18ULFSCP Datasheet HTML 1Page - Orister Corporation RS7213-18ULFSCP Datasheet HTML 2Page - Orister Corporation RS7213-18ULFSCP Datasheet HTML 3Page - Orister Corporation RS7213-18ULFSCP Datasheet HTML 4Page - Orister Corporation RS7213-18ULFSCP Datasheet HTML 5Page - Orister Corporation RS7213-18ULFSCP Datasheet HTML 6Page - Orister Corporation RS7213-18ULFSCP Datasheet HTML 7Page - Orister Corporation RS7213-18ULFSCP Datasheet HTML 8Page - Orister Corporation RS7213-18ULFSCP Datasheet HTML 9Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page No. : 8/9
DS‐RS7213‐02    September, 2009 
www.Orister.com
Soldering Methods for Orister’s Products 
1. Storage environment: Temperature=10
oC~35oC Humidity=65%±15% 
2. Reflow soldering of surface‐mount devices 
 
Profile Feature 
Sn‐Pb Eutectic Assembly 
Pb‐Free Assembly 
Average ramp‐up rate (TL to TP
<3
oC/sec 
<3
oC/sec 
Preheat 
‐ Temperature Min (Tsmin
‐ Temperature Max (Tsmax
‐ Time (min to max) (ts) 
 
100
o
150
o
60~120 sec 
 
150
o
200
o
60~180 sec 
Tsmax to T 
‐ Ramp‐up Rate 
 
<3
oC/sec 
 
<3
oC/sec 
Time maintained above: 
‐ Temperature (TL
‐ Time (tL
 
183
o
60~150 sec 
 
217
o
60~150 sec 
Peak Temperature (TP
240
oC +0/‐5o
260
oC +0/‐5o
Time within 5
oC of actual Peak 
Temperature (tP
10~30 sec 
20~40 sec 
Ramp‐down Rate 
<6
oC/sec 
<6
oC/sec 
Time 25
oC to Peak Temperature 
<6 minutes 
<8 minutes 
3. Flow (wave) soldering (solder dipping) 
Products 
Peak temperature 
Dipping time 
Pb devices. 
245
oC ±5o
5sec ±1sec 
Pb‐Free devices. 
260
oC +0/‐5o
5sec ±1sec 
 
 
 
 
 
Figure 1: Temperature profile 
tP
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time


Similar Part No. - RS7213-18ULFSCP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7213-18ULFSCP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com