Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS090-2QNG256Y Datasheet(PDF) 11 Page - Microsemi Corporation

Part # AFS090-2QNG256Y
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090-2QNG256Y Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button AFS090-2QNG256Y Datasheet HTML 7Page - Microsemi Corporation AFS090-2QNG256Y Datasheet HTML 8Page - Microsemi Corporation AFS090-2QNG256Y Datasheet HTML 9Page - Microsemi Corporation AFS090-2QNG256Y Datasheet HTML 10Page - Microsemi Corporation AFS090-2QNG256Y Datasheet HTML 11Page - Microsemi Corporation AFS090-2QNG256Y Datasheet HTML 12Page - Microsemi Corporation AFS090-2QNG256Y Datasheet HTML 13Page - Microsemi Corporation AFS090-2QNG256Y Datasheet HTML 14Page - Microsemi Corporation AFS090-2QNG256Y Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
1-5
calculate current. The AG MOSFET gate driver pad turns the external MOSFET on and off. The AT pad
measures the load-side voltage level.
Embedded Memories
Flash Memory Blocks
The flash memory available in each Fusion device is composed of one to four flash blocks, each 2 Mbits
in density. Each block operates independently with a dedicated flash controller and interface. Fusion
flash memory blocks combine fast access times (60 ns random access and 10 ns access in Read-Ahead
mode) with a configurable 8-, 16-, or 32-bit datapath, enabling high-speed flash operation without wait
states. The memory block is organized in pages and sectors. Each page has 128 bytes, with 33 pages
comprising one sector and 64 sectors per block. The flash block can support multiple partitions. The only
constraint on size is that partition boundaries must coincide with page boundaries. The flexibility and
granularity enable many use models and allow added granularity in programming updates.
Fusion devices support two methods of external access to the flash memory blocks. The first method is a
serial interface that features a built-in JTAG-compliant port, which allows in-system programmability
during user or monitor/test modes. This serial interface supports programming of an AES-encrypted
stream. Data protected with security measures can be passed through the JTAG interface, decrypted,
and then programmed in the flash block. The second method is a soft parallel interface.
FPGA logic or an on-chip soft microprocessor can access flash memory through the parallel interface.
Since the flash parallel interface is implemented in the FPGA fabric, it can potentially be customized to
meet special user requirements. For more information, refer to the CoreCFI Handbook. The flash
memory parallel interface provides configurable byte-wide (×8), word-wide (×16), or dual-word-wide
Figure 1-1 • Analog Quad
Analog Quad
AV
AC
AT
Voltage
Monitor Block
Current
Monitor Block
AG
Power
Line Side
Load Side
Pre-
scaler
Digital
Input
Power
MOSFET
Gate Driver
Current
Monitor/Instr
Amplifier
Temperature
Monitor
Digital
Input
Digital
Input
Pre-
scaler
Pre-
scaler
Pads
To Analog MUX
To Analog MUX
To Analog MUX
To FPGA
(DAVOUTx)
To FPGA
(DACOUTx)
To FPGA
(DATOUTx)
On-Chip
Gate
Driver
Temperature
Monitor Block
Off-Chip
Rpullup
From FPGA
(GDONx)


Similar Part No. - AFS090-2QNG256Y

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AFS090-2QNG256ES ACTEL-AFS090-2QNG256ES Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
AFS090-2QNG256I ACTEL-AFS090-2QNG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
AFS090-2QNG256PP ACTEL-AFS090-2QNG256PP Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
More results

Similar Description - AFS090-2QNG256Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com