Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS7213-18DHFSCP Datasheet(PDF) 4 Page - Orister Corporation

Part # RS7213-18DHFSCP
Description  300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7213-18DHFSCP Datasheet(HTML) 4 Page - Orister Corporation

  RS7213-18DHFSCP Datasheet HTML 1Page - Orister Corporation RS7213-18DHFSCP Datasheet HTML 2Page - Orister Corporation RS7213-18DHFSCP Datasheet HTML 3Page - Orister Corporation RS7213-18DHFSCP Datasheet HTML 4Page - Orister Corporation RS7213-18DHFSCP Datasheet HTML 5Page - Orister Corporation RS7213-18DHFSCP Datasheet HTML 6Page - Orister Corporation RS7213-18DHFSCP Datasheet HTML 7Page - Orister Corporation RS7213-18DHFSCP Datasheet HTML 8Page - Orister Corporation RS7213-18DHFSCP Datasheet HTML 9Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page No. : 4/9
DS‐RS7213‐02    September, 2009 
www.Orister.com
Electrical Characteristics (VIN=5V, TA=25°C, unless otherwise specified) 
Symbol 
Parameter 
Conditions 
Min. 
Typ. 
Max.
Unit 
VIN 
Input Voltage ‐ 
1.8 ‐ 
5.5 
VIN=VOUT+1.0V, IOUT=1mA, 
VOUT≧1.8V 
‐2% 
+2% 
VOUT 
Output Voltage 
VIN=VOUT+1.0V, IOUT=1mA, 
VOUT<1.8V, VIN>2.4V 
‐35 
VOUT 
+35 
mV 
IMAX 
Output Current (see NOTE 1) 
VOUT+1.0V≦VIN≦5.5V, VIN≧2.4V 
300 ‐ 
‐ 
mA 
VDROP 
Dropout Voltage 
IOUT=300mA, VOUT>2.0V 
‐ 
300 
500 
mV 
ΔVLINE 
Line Regulation 
VOUT+1.0V≦VIN≦5.5V, IOUT=1mA ‐ 
0.2 
0.3 
%/V 
ΔVLOAD 
Load Regulation 
VIN=VOUT+1V, 1mA≦IOUT≦100mA ‐ 
0.01 
0.02 
%/mA 
IQ 
Ground Pin Current 
ILOAD=0mA to 300mA, VIN=VOUT+1V ‐ 
30 
50 
uA 
ISD 
Shutdown Current 
VIN=VOUT+1V, EN=0V, No Load ‐ 
0.7 
1.0 
uA 
ISC 
Short Circuit Current ‐ 
‐ 
70 ‐ 
mA 
PSRR 
Ripple Rejection 
IOUT=30mA, F=1KHz, COUT=1uF ‐ 
70 ‐ 
dB 
eN 
Output Noise 
IOUT=100mA , F=1KHz, COUT=1uF ‐ 
40 ‐ 
uV(rms) 
VIH 
EN Pin Input Voltage “H” 
VIN≦5.0V 
1.6 ‐ 
‐ 
VIL 
EN Pin Input Voltage “L” 
VIN≦5.0V ‐ 
‐ 
0.3 
RDIS 
Discharge Resistor 
VEN=0V ‐ 
30 
100 Ω 
TDIS 
Discharge Time 
VOUT=3.3V to 0V, COUT=1uF ‐ 
70 
100 
us 
TC 
Temperature Characteristics 
IOUT=1mA, ‐25°C≦TOPR≦+85°C ‐ 
±100 ‐ 
ppm/
 
o
TSD 
Thermal Shutdown Temperature ‐ 
‐ 
150 ‐ 
o
THYS 
Thermal Shutdown Hysteresis ‐ 
‐ 
30 ‐ 
o
NOTES: 
1
Measured using a double sided board with 1” x 2” square inches of copper area connected to the GND pins for “heat spreading”. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS7213-18DHFSCP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7213-18DHFSCP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com