Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACJ5112 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ACJ5112
Description  SUPER MINIATURE PC BOARD TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACJ5112 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ACJ5112 Datasheet HTML 1Page - Panasonic Semiconductor ACJ5112 Datasheet HTML 2Page - Panasonic Semiconductor ACJ5112 Datasheet HTML 3Page - Panasonic Semiconductor ACJ5112 Datasheet HTML 4Page - Panasonic Semiconductor ACJ5112 Datasheet HTML 5Page - Panasonic Semiconductor ACJ5112 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
CJ (ACJ)
ASCTB221E 201201-T
TYPES
Standard packing; Carton (tube): 70 pcs.; Case: 2,800 pcs. (1 Form C), Carton (tube): 40 pcs.; Case: 1,000 pcs. (8 terminal),
Carton (tube): 35 pcs.; Case: 1,400 pcs. (10 terminal)
RATING
1. Coil data
* Other usable voltage range types are also available. Please contact us for details.
SUPER MINIATURE
PC BOARD TYPE
AUTOMOTIVE RELAY
CJ RELAYS (ACJ)
Contact arrangement
Nominal coil voltage
Pick-up voltage
(at 20
°C 68°F)
Part No.
Standard type
Pin in Paste type
1 Form C
12 V DC
Max.6.5 V DC (Initial)
ACJ1112
ACJ1112P
Max.7.2 V DC (Initial)
ACJ1212
ACJ1212P
1 Form C
× 2
(8 terminal)
Max.6.5 V DC (Initial)
ACJ2112
ACJ2112P
Max.7.2 V DC (Initial)
ACJ2212
ACJ2212P
1 Form C
× 2
(10 terminal)
Max.6.5 V DC (Initial)
ACJ5112
ACJ5112P
Max.7.2 V DC (Initial)
ACJ5212
ACJ5212P
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
(at 20
°C 68°F)
Usable voltage range*
12 V DC
Max. 7.2 V DC
(Initial)
Min. 1.0 V DC
(Initial)
53.3 mA
225
640 mW
10 to 16 V DC
Max. 6.5 V DC
(Initial)
Min. 0.8 V DC
(Initial)
66.7 mA
180
800 mW
9 to 16 V DC
RoHS compliant
FEATURES
• Smallest in its class, it is extremely
compact at approx. 2/3 the size of
previous products.
Compared to our previous miniature type
CT relay, both the 1 Form C and 10-pin
and 8-pin twin types take up approx. two-
thirds the space and volume. This makes
them ideal for relay unit miniaturization.
• Compact and high-capacity 25 A load
switching
High capacity control is possible while
being compact and capable of motor lock
load switching at 25 A, 14 V DC.
• Pin in Paste* compatible model
added
Models compatible with the recently
increasing Pin in Paste technique (reflow
solder mounting) have been added.
Pin in Paste compatible models are the
flux tight type.
* The Pin in Paste method may
sometimes be referred to as THR
(Through-hole Reflow).
• Environmental protection
specifications
Cadmium-free contacts and use of lead-
free solder are standard. Environmental
pollutants are not used.
TYPICAL APPLICATIONS
• Powered windows
• Automatic door locks
• Electrically powered mirrors
• Powered sunroofs
• Powered seats
• Lift gates
• Smart J/B related products, etc.


Similar Part No. - ACJ5112

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACJ-12-1581 ACIPOWER-ACJ-12-1581 Datasheet
1Mb / 2P
   CCFL INVERTER
ACJ-12-1583 ACIPOWER-ACJ-12-1583 Datasheet
1Mb / 2P
   CCFL INVERTER
ACJ-B1-1522 ACIPOWER-ACJ-B1-1522 Datasheet
213Kb / 2P
   CCFL INVERTER
ACJ-R1-1578 ACIPOWER-ACJ-R1-1578 Datasheet
217Kb / 2P
   CCFL INVERTER
ACJ-V1-1542 ACIPOWER-ACJ-V1-1542 Datasheet
212Kb / 2P
   CCFL INVERTER
More results

Similar Description - ACJ5112

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
   ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
List of Unclassifed Man...
WJ107 ETC1-WJ107 Datasheet
96Kb / 2P
   ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com