Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWU2393V16 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECWU2393V16
Description  Plastic Film Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU2393V16 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECWU2393V16 Datasheet HTML 1Page - Panasonic Semiconductor ECWU2393V16 Datasheet HTML 2Page - Panasonic Semiconductor ECWU2393V16 Datasheet HTML 3Page - Panasonic Semiconductor ECWU2393V16 Datasheet HTML 4Page - Panasonic Semiconductor ECWU2393V16 Datasheet HTML 5Page - Panasonic Semiconductor ECWU2393V16 Datasheet HTML 6Page - Panasonic Semiconductor ECWU2393V16 Datasheet HTML 7Page - Panasonic Semiconductor ECWU2393V16 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ECWU (V16) Type DC250V series
Applicable Specifications
(Stacked Metallized Film)
* Please consult Panasonic if your condition exceeds the above spec.
*The current(
0-P) value is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
(at sine wave)
(at sine wave)
Frequency (kHz)
Permissible voltage
10
0.1
100
1
0.1
10
1000
1
100
0.027 uF
1000 pF
(at sine wave)
Frequency (kHz)
Permissible voltage
10
0.1
100
1
0.1
10
1000
1
100
0.12 uF
0.033 uF
0.027 uF
0.022 uF
0.018 uF
0.015 uF
0.010 uF,8200 pF
6800 pF
3900 F
3300 pF
2700 pF
2200 uF
1800 pF
1500 pF
0.012 uF
1200 pF
1000 pF
5600 pF, 4700 pF
Frequency (kHz)
10
100
1000
0
1
Permissible current
0.5
1
0.068 uF,0.082uF
0.10 uF
0.056 uF
0.047 uF
0.033 uF
0.039 uF
Frequency (kHz)
0.1
10
1000
2
0
3
Permissible current
1
0.12 uF
100
1


Similar Part No. - ECWU2393V16

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU2393V16 PANASONIC-ECWU2393V16 Datasheet
68Kb / 2P
   Plastic Film Capacitors
ECWU2393V16 PANASONIC-ECWU2393V16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results

Similar Description - ECWU2393V16

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com