Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEP15012 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AEP15012
Description  HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AEP15012 Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AEP15012 Datasheet HTML 1Page - Panasonic Semiconductor AEP15012 Datasheet HTML 2Page - Panasonic Semiconductor AEP15012 Datasheet HTML 3Page - Panasonic Semiconductor AEP15012 Datasheet HTML 4Page - Panasonic Semiconductor AEP15012 Datasheet HTML 5Page - Panasonic Semiconductor AEP15012 Datasheet HTML 6Page - Panasonic Semiconductor AEP15012 Datasheet HTML 7Page - Panasonic Semiconductor AEP15012 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EP
2. Max. switching capacity
3-(1) Switching life curve (150A, 60A type)
3-(2) Switching life curve (10A type)
10
1
100
1000
1000
100
10
1
Contact voltage, V
150A type
DC, AC 400V resistive load
60A type
DC, AC 400V resistive load
10A type
DC, AC 400V resistive load
Contact current, V
10
100
1000
100
10
1
150A type
DC, AC 400V resistive load
60A type
DC, AC 400V resistive load
110
100
100000
10000
1000
100
10
1
10A type
DC, AC 400V resistive load
Contact current, V
4. Cut-off life curve
5. Carrying performance curve
Cut-off current, A
100
1000
10000
1000
10
100
1
150A type
DC400V resistive load
60A type
DC400V resistive load
Carrying current, A
10
100
1000
10
5
10
4
10
100
1000
150A type
(Electric cable 40mm
2)
60A type
(Electric cable 15mm
2)
NOTES
1. When installing the relay, always
use washers to prevent loosening of
the screws.
Tighten each of the screws within the
rated ranges given below. Exceeding the
maximum torque may result in breakage.
Mounting is possible in either direction.
• M8 screw (150 A main terminal):
8 to 10 N·m
• M5 screw (150 A, 60 A main unit
mounting section): 2.5N·m to 3.6N·m
• M4 screw (60 A main terminal):
1.8 to 2.7 N·m
• M3.5 screw (Input terminal):
0.84 to 1.2 N·m
• M4 screw (10 A PC board type main
unit mounting section):
0.98N·m to 1.2N·m
(10 A TM type main unit mounting
section): 1.8N·m to 2.7N·m
2. The coils (150 A type) and the
contacts (10 A, 60 A, 150 A) of the relay
are polarized. Please follow instructions
in the connection schematic when
connecting the coils and contacts.
The 150 A type contains a reverse surge
voltage absorption circuit;
therefore a surge protector is not needed.
We recommend installing a surge
protector varistor (ZNR) for the 10 A and
the 60 A types. Avoid using a diode as
this may result in decreased cut-off
capability.
3. As a general rule, do not use a relay
if it has been dropped.
4. Avoid mounting the relay in strong
magnetic fields (near a transformer or
magnet) or close to an object that
radiates heat.
5. Electrical life
This relay is a high-voltage direct-current
switch. In its final breakdown mode, it
may lose the ability to provide the proper
cut-off. Therefore, do not exceed the
indicated switching capacity and life.
(Please treat the relay as a product with
limited life and replace it when
necessary.)
In the event that the relay loses cut-off
ability, there is a possibility that burning
may spread to surrounding parts, so
configure the layout so that the power is
turned off within one second.
6. Permeation life of internal gas
This relay uses a hermetically encased
contact (capsule contact) with gas inside.
The gas has a permeation life that is
affected by the temperature inside the
capsule contact (ambient temperature +
temperature rise due to flow of electrical
current). For this reason, make sure the
ambient operating temperature is
between –40 and 80
°C –40 and +176°F,
and the ambient storage temperature is
between –40 and 85
°C –40 and +185°F.
7. The case is designed to remain in
place during normal use and handling.
If the case is removed, the relay will not
function as intended and its performance
cannot be guaranteed.
8. If the power is turned off and then
immediately on after applying the
rated voltage (current) continuously to
the relay's coil and contact, the
resistance of the coil will increase due
to a rise in the coil temperature. This
causes the pick-up voltage to rise, and
possibly exceed the rated pick-up
voltage. In these circumstances, take
measures such as reducing the load
current, limiting the duration of
current flow, and applying a coil
voltage higher than the rated
operating voltage (quick start).
9. Coil operating power
Pure DC current should be applied to the
coil. The wave form should be
rectangular. If it includes ripple, the ripple
factor should be less than 5%. However,
check the actual circuit since the
characteristics may be slightly different.
The coil must only be supplied with its
rated voltage. The voltage waveform
supplied to the coil should be rectangular.
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - AEP15012

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEP15US05 XPPOWER-AEP15US05 Datasheet
362Kb / 4P
   AC-DC Power Supplies
AEP15US06 XPPOWER-AEP15US06 Datasheet
362Kb / 4P
   AC-DC Power Supplies
AEP15US075 XPPOWER-AEP15US075 Datasheet
362Kb / 4P
   AC-DC Power Supplies
AEP15US09 XPPOWER-AEP15US09 Datasheet
362Kb / 4P
   AC-DC Power Supplies
AEP15US12 XPPOWER-AEP15US12 Datasheet
362Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - AEP15012

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
LETEX TECHNOLOGY CORP.
LT11004V LETEX-LT11004V Datasheet
505Kb / 4P
   High capacity in a slim SIL package
logo
Panasonic Semiconductor
AQV252G3S PANASONIC-AQV252G3S Datasheet
168Kb / 5P
   High capacity in a miniature SOP package
AGQ2001H PANASONIC-AGQ2001H Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
logo
Leshan Radio Company
L2SD1781KQLT1G LRC-L2SD1781KQLT1G_11 Datasheet
115Kb / 4P
   Medium Power Transistor (32V, 0.8A) High current capacity in compact
logo
ABLE Power Products
OVCD-277-DR ABLEPOWERPRODUCTS-OVCD-277-DR Datasheet
285Kb / 1P
   Over Voltage & Under Voltage Cut-Off
1/13/2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com