Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DK1ANIL12VF Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DK1ANIL12VF
Description  10 A MINIATURE POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DK1ANIL12VF Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DK1ANIL12VF Datasheet HTML 1Page - Panasonic Semiconductor DK1ANIL12VF Datasheet HTML 2Page - Panasonic Semiconductor DK1ANIL12VF Datasheet HTML 3Page - Panasonic Semiconductor DK1ANIL12VF Datasheet HTML 4Page - Panasonic Semiconductor DK1ANIL12VF Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DK
TYPES AND COIL DATA (at 20
°C 68°F)
Single side stable
2 coil latching
Part No.
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal
operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power,
mW
Maximum
allowable
voltage,
V DC (at 65
°C
149°F)
1 Form A
DK1a-3V (-F)
3
2.1
0.3
66.6
45
200
3.9
DK1a-5V (-F)
5
3.5
0.5
40
125
200
6.5
DK1a-6V (-F)
6
4.2
0.6
33.3
180
200
7.8
DK1a-9V (-F)
9
6.3
0.9
22.2
405
200
11.7
DK1a-12V (-F)
12
8.4
1.2
16.6
720
200
15.6
DK1a-24V (-F)
24
16.8
2.4
8.3
2,880
200
31.2
1 Form A
1 Form B
DK1a1b-3V
3
2.1
0.3
66.6
45
200
3.9
DK1a1b-5V
5
3.5
0.5
40
125
200
6.5
DK1a1b-6V
6
4.2
0.6
33.3
180
200
7.8
DK1a1b-9V
9
6.3
0.9
22.2
405
200
11.7
DK1a1b-12V
12
8.4
1.2
16.6
720
200
15.6
DK1a1b-24V
24
16.8
2.4
8.3
2,880
200
31.2
2 Form A
DK2a-3V
3
2.1
0.3
66.6
45
200
3.9
DK2a-5V
5
3.5
0.5
40
125
200
6.5
DK2a-6V
6
4.2
0.6
33.3
180
200
7.8
DK2a-9V
9
6.3
0.9
22.2
405
200
11.7
DK2a-12V
12
8.4
1.2
16.6
720
200
15.6
DK2a-24V
24
16.8
2.4
8.3
2,880
200
31.2
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
Reset voltage,
V DC (max.)
Nominal
operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power,
mW
Maximum
allowable
voltage,
V DC (at 65
°C
149°F)
Set
Reset
Set
Reset
Set
Reset
1 Form A
DK1a-L2-3V (-F)
3
2.1
2.1
66.6
66.6
45
45
200
200
3.9
DK1a-L2-5V (-F)
5
3.5
3.5
40
40
125
125
200
200
6.5
DK1a-L2-6V (-F)
6
4.2
4.2
33.3
33.3
180
180
200
200
7.8
DK1a-L2-9V (-F)
9
6.3
6.3
22.2
22.2
405
405
200
200
11.7
DK1a-L2-12V (-F)
12
8.4
8.4
16.6
16.6
720
720
200
200
15.6
DK1a-L2-24V (-F)
24
16.8
16.8
8.3
8.3
2,880
2,880
200
200
31.2
1 Form A
1 Form B
DK1a1b-L2-3V
3
2.1
2.1
66.6
66.6
45
45
200
200
3.9
DK1a1b-L2-5V
5
3.5
3.5
40
40
125
125
200
200
6.5
DK1a1b-L2-6V
6
4.2
4.2
33.3
33.3
180
180
200
200
7.8
DK1a1b-L2-9V
9
6.3
6.3
22.2
22.2
405
405
200
200
11.7
DK1a1b-L2-12V
12
8.4
8.4
16.6
16.6
720
720
200
200
15.6
DK1a1b-L2-24V
24
16.8
16.8
8.3
8.3
2,880
2,880
200
200
31.2
2 Form A
DK2a-L2-3V
3
2.1
2.1
66.6
66.6
45
45
200
200
3.9
DK2a-L2-5V
5
3.5
3.5
40
40
125
125
200
200
6.5
DK2a-L2-6V
6
4.2
4.2
33.3
33.3
180
180
200
200
7.8
DK2a-L2-9V
9
6.3
6.3
22.2
22.2
405
405
200
200
11.7
DK2a-L2-12V
12
8.4
8.4
16.6
16.6
720
720
200
200
15.6
DK2a-L2-24V
24
16.8
16.8
8.3
8.3
2,880
2,880
200
200
31.2
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - DK1ANIL12VF

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DK1A-12V NAIS-DK1A-12V Datasheet
141Kb / 5P
   MINIATURE POWER RELAY
logo
Panasonic Semiconductor
DK1A-12V-F PANASONIC-DK1A-12V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
logo
Nais(Matsushita Electri...
DK1A-24V NAIS-DK1A-24V Datasheet
141Kb / 5P
   MINIATURE POWER RELAY
logo
Panasonic Semiconductor
DK1A-24V-F PANASONIC-DK1A-24V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
logo
Nais(Matsushita Electri...
DK1A-3V NAIS-DK1A-3V Datasheet
141Kb / 5P
   MINIATURE POWER RELAY
More results

Similar Description - DK1ANIL12VF

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ9402 AZETTLER-AZ9402 Datasheet
118Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com